Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7836IPAP.B Datasheet(PDF) 30 Page - Texas Instruments

Part # AMC7836IPAP.B
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7836IPAP.B Datasheet(HTML) 30 Page - Texas Instruments

Back Button AMC7836IPAP.B Datasheet HTML 26Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 27Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 28Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 29Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 30Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 31Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 32Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 33Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 91 page
background image
LV_ADC16
AVDD
AVDD
LV_ADC20
AGND
S(W) is closed during acquisition.
S(W) is open during conversion.
RS
C(SAMPLE)
S(W)
ADC_0
ADC_15
R(MUX)
3.125 V
3.125 V
Scaling Network
30
AMC7836
SLAS986D – NOVEMBER 2014 – REVISED FEBRUARY 2018
www.ti.com
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
7.3.2 Analog-to-Digital Converter (ADC)
The AMC7836 features a monitoring system centered on a 12-bit SAR (successive approximation register) ADC
fronted by a 22-channel multiplexer and an on-chip track-and-hold circuit. The monitoring systems is capable of
sensing up to 16 external bipolar inputs (–12.5 to 12.5 V range), five external unipolar inputs (0 to 5 V range),
and an internal analog temperature sensor.
The ADC operates from an internal 2.5 V reference (Vref, measured at the REF_CMP pin) and the input range is
0 V to 2 × Vref. The external bipolar inputs to the ADC are internally mapped to this range. The ADC timing
signals are derived from an on-chip temperature-compensated oscillator. The conversion results can be
accessed through the device serial interface.
7.3.2.1 Analog Inputs
The AMC7836 has 21 analog inputs for external voltage sensing. Sixteen of these inputs (ADC_0 through
ADC_15) are bipolar and the other five (LV_ADC16 through LV_ADC20) are unipolar. Figure 51 shows the
equivalent circuit for the external analog-input pins. All switches are open while the ADC is in the IDLE state.
Figure 51. ADC External Inputs Equivalent Circuit
To achieve the specified performance, especially at higher input frequencies, driving each analog input pin with a
low impedance source is recommended. An external amplifier can also be used to drive the input pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com