Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 64 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 64 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 60Page - STMicroelectronics L9678P Datasheet HTML 61Page - STMicroelectronics L9678P Datasheet HTML 62Page - STMicroelectronics L9678P Datasheet HTML 63Page - STMicroelectronics L9678P Datasheet HTML 64Page - STMicroelectronics L9678P Datasheet HTML 65Page - STMicroelectronics L9678P Datasheet HTML 66Page - STMicroelectronics L9678P Datasheet HTML 67Page - STMicroelectronics L9678P Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 215 page
background image
SPI interface
L9678P, L9678P-S
64/216
DS11626 Rev 9
Set based on voltage, cleared on SPI read
0 VDD3V3 > VDD3V3_UV
1 VDD3V3 < VDD3V3_UV
VDD3V3_OV
-
-
- VDD3V3 bad pin status
Set based on voltage, cleared on SPI read
0 VDD3V3 < VDD3V3_OV
1 VDD3V3 > VDD3V3_OV
ER_BST_NOK
-
-
- ERBOOST pin status
Set and cleared based on voltage
1 V_ERBOOST < ERBOOST_OK
0 V_ERBOOST > ERBOOST_OK
VDD5_UV
-
-
- VDD5_UV status
Set based on voltage, cleared on SPI read
0 VDD5 > VDD5_UV
1 VDD5 < VDD5_UV
VDD5_OV
-
-
- VDD5_OV status
Set based on voltage, cleared on SPI read
0 VDD5 < VDD5_OV
1 VDD5 > VDD5_OV
VSUP_NOK
-
-
- VSUP status
Set and cleared based on voltage
0 VSUP > VSUP_OK
1 VSUP < VSUP_OK
ER_BST_ON
0
-
- ERBOOST_ON state
Updated according to ER_BOOST Control Behavior diagram
0 RBOOST_OFF or ERBOOST_OT state or ER_BST_STBY state (boost
not running)
1 ERBOOST_ON state (boost running)
ER_CHRG_ON
0
0
0 ERCHARGE_ON state
Updated according to ER_CHARGE Power Mode Control diagram
0 ERCHARGE_ON = 0
1 ERCHARGE_ON = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com