Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 37 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 33Page - STMicroelectronics L9678P Datasheet HTML 34Page - STMicroelectronics L9678P Datasheet HTML 35Page - STMicroelectronics L9678P Datasheet HTML 36Page - STMicroelectronics L9678P Datasheet HTML 37Page - STMicroelectronics L9678P Datasheet HTML 38Page - STMicroelectronics L9678P Datasheet HTML 39Page - STMicroelectronics L9678P Datasheet HTML 40Page - STMicroelectronics L9678P Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 215 page
background image
DS11626 Rev 9
37/216
L9678P, L9678P-S
Start-up power control
214
Figure 17. VSF control logic
4.4
Oscillators
The device integrates two trimmed oscillators, both of them with spread spectrum capability
selectable via the CLK_CONF register.
The main oscillator runs at 16 MHz typ and is used to provide clock to the internal
synchronous logic. Moreover, this frequency is divided down by factor 8.5 to generate
clocks for the switching regulators (1.882 MHz typ).
The auxiliary oscillator runs at 7.5 MHz typ and is used to monitor the main oscillator. In
case the main oscillator frequency was lower than fOSC_LOW_TH threshold, the condition is
detected by the frequency monitor circuit and latched into the CLKFRERR flag in the FLTSR
register, and then a POR is issued. If the clock error is temporary, it is possible to read the
fault flag once out of POR.
4.5
Reset functions
The device provides reset logic to safely control system operation in the event of internal
ECU failures. Several internal reset signals are generated depending on the type of failure
detected. In the following figure, the voltage monitoring diagram is shown. BG_ERR reports
errors on the bandgap reference voltage, VREG_ERR reports errors on any of the internal
regulators (VINT3V3 for 3.3 V analog circuitry, CVDD for 3.3 V digital circuitry),
VDD3V3_ERR and VDD5_ERR report errors on VDD3V3 and VDD5 regulators,
respectively.
GAPGPS01121
ARM1INT
ARM2INT
FENH
FENL
VSF_EN
SAFING STATE
DIAG STATE
DSTEST (VSF)
ARMING STATE
SAFESEL
ARM_EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com