Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 36 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 32Page - STMicroelectronics L9678P Datasheet HTML 33Page - STMicroelectronics L9678P Datasheet HTML 34Page - STMicroelectronics L9678P Datasheet HTML 35Page - STMicroelectronics L9678P Datasheet HTML 36Page - STMicroelectronics L9678P Datasheet HTML 37Page - STMicroelectronics L9678P Datasheet HTML 38Page - STMicroelectronics L9678P Datasheet HTML 39Page - STMicroelectronics L9678P Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 215 page
background image
Start-up power control
L9678P, L9678P-S
36/216
DS11626 Rev 9
4.3.6
VSUP linear regulator (optional)
The VSUP linear regulator can be used to provide 7 V derived directly from battery line with
an external power transistor. This voltage rail can be used mainly to supply PSI-5 remote
sensor interface. The stability of the regulation loop is guaranteed by the use of a small
external capacitor. Current limitation is provided by means of controlling output current on
BVSUP pin. The external pass transistor gives the flexibility to easily address different
current loads. The VSUP regulator is enabled in the ACTIVE mode and continues operation
in the PASSIVE mode using power from energy reserve. In the case of L9678P (no remote
sensor interfaces), VSUP can be externally connected to ground.
Figure 16. VSUP control behavior
4.3.7
VSF linear regulator
The fully integrated VSF linear regulator provides a 20V voltage nominal (configurable to
25V via SPI command) derived directly from ERBOOST. This voltage rail is used in case an
external n-ch safing FET has to be used. The stability of the regulation loop is guaranteed
by the use of a small external capacitor. Current limitation is implemented. A minimum drop-
out of 2V between ERBOOST and VSF is needed. VSF is enabled by the assertion of any
ARMxINT signal, or by the assertion of (FENH and not (FENL)), as shown in Figure 17
GAPGPS01639
VSUP
rampup
Start T1 3ms
VSUP_UV masking
VSUP
OFF
(ACTIVE_MODE OR
PASSIVE_MODE)
AND
SYS_CTL(VSUP_EN) = 1
VSUP_ON
VSUP
SHUTDOWN
Start T2 5ms
VSUP_UV = 1
T2 timeout
(VSUP_UV=1 AND T1 timeout)
VSUP_UV = 0
AND
T1 timeout
VSUP
power mode control
POWER -OFF_MODE
OR SLEEP_MODE
Default SYS_CTL(VSUP_EN) = 0
at POR=1
SYS_CTL(VSUP_EN) = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com