Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 29 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 25Page - STMicroelectronics L9678P Datasheet HTML 26Page - STMicroelectronics L9678P Datasheet HTML 27Page - STMicroelectronics L9678P Datasheet HTML 28Page - STMicroelectronics L9678P Datasheet HTML 29Page - STMicroelectronics L9678P Datasheet HTML 30Page - STMicroelectronics L9678P Datasheet HTML 31Page - STMicroelectronics L9678P Datasheet HTML 32Page - STMicroelectronics L9678P Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 215 page
background image
DS11626 Rev 9
29/216
L9678P, L9678P-S
Start-up power control
214
state, any commands for squib/pyroswitch driver switch tests will be ignored. Other checks
are also performed: on the arming output to check for non stuck-at conditions on the pin and
for the configured firing time. The SSM remains in this state until commanded to transition
into the Safing state or Scrap state via the dedicated SPI commands.
Upon reception of the SAFING_STATE command while in Diag state, the device enters
Safing state. This is the primary run-time state for normal operation, and the logic performs
the safing function, including monitoring of sensor data and setting of the ARM signal. The
only means of exiting Safing state is by the assertion of the SSM_Reset signal.
The Scrap state is entered upon reception of the SCRAP_STATE command while in Diag
state. While in Scrap state, the part allows the main microcontroller to initiate a transition to
Arming state, and monitoring of the Remote Sensor SPI interface (in L9678P-S) and the
safing logic is disabled. From Scrap state, the device can transition to Arming state only, and
the only means of moving back to Init state is through an SSM_Reset.
In order to protect from inadvertent entry into Arming state, and to prevent undesired
activation of the safing signals, a dedicated mechanism is used to control entry into, and exit
from Arming state. This mechanism is described further in Section 10.7: Additional
communication line. While in Arming state, the arming output is asserted. Exit from Arming
state occurs when the time-out is reached without a correct ACL signal or when SSM_Reset
is asserted. Upon exit, the device re-enters Scrap state, except for the case of SSM_Reset,
which results in entry into Init state.
System Operating states are shown in Figure 9.
Figure 9. System operating state diagram
GAPGPS01118
Configuration enabled for:
- Watchdog timing thresholds
- ARM in/out select
- RSU output type (Gm/SW)
- Diag sample select
- VSF voltage select
ARM, VSF determined
by safing engine
SSM Reset
WD1 OVERRIDE
SPI SAFING_STATE
SPI SCRAP_STATE
WD1 RUN
Init
State
Diag
State
Safing
State
Scrap
State
Arming
State
ACLGOOD = 3
ACLBAD = 2
ARMx = 0
VSF = 0
ARMx = 1
VSF = 1
Testing enabled for:
- ARMx, VSF
- Deploy time
- HS/LS & HSS FET
Configuration enabled for:
- Safing records and control
- Deploy mask
- HS/LS GPO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com