Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 30 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 26Page - STMicroelectronics L9678P Datasheet HTML 27Page - STMicroelectronics L9678P Datasheet HTML 28Page - STMicroelectronics L9678P Datasheet HTML 29Page - STMicroelectronics L9678P Datasheet HTML 30Page - STMicroelectronics L9678P Datasheet HTML 31Page - STMicroelectronics L9678P Datasheet HTML 32Page - STMicroelectronics L9678P Datasheet HTML 33Page - STMicroelectronics L9678P Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 215 page
background image
Start-up power control
L9678P, L9678P-S
30/216
DS11626 Rev 9
4.3
Configurable system power control
The overall operating voltage requirements of the device are different considering the
L9678P device (without VSUP regulator and remote sensor interface) or the L9678P-S
device (with VSUP regulator and remote sensor interface). Performance for the L9678P-S
device is influenced by the PSI-5 remote sensor interfaces. This function requires a minimum
voltage at the channel's input (VSUP) to ensure a proper functionality for the sensor.
An integrated current generator (30 mA nominal) is used to charge the external energy
reserve capacitor connected to VER pin. Any system load (regulators, interfaces,
squib/pyroswitch driver diagnostics) operates directly from battery until battery is lost. Upon
detecting low or loss of battery, the crossover switch enables operation from energy reserve.
4.3.1
ERBOOST switching regulator
The L9678P IC uses an advanced energy reserve switching regulator operating at 1.882
MHz nominal. The higher switching frequency enables the user to select smaller less
expensive inductors and moves the operating frequency to permit easier compliance with
system emissions.
The energy reserve boost regulator charges the external system tank capacitor through an
integrated fixed current source significantly reducing in-rush currents typical of large energy
reserve capacitors. The boost circuit provides energy for the reserve capacitor with
assumed run time load of less than 20 mA and to the VSF regulator. Once system shutdown
is initiated or a loss of battery condition is diagnosed, the boost regulator is disabled so that
system power can be taken from the energy reserve capacitor.
The energy reserve boost regulator defaults to 23 V at power-on and can be set to 33 V
nominal by the user through an SPI command. The boost converter can also be disabled by
the user through an SPI command. Enabling, disabling and setting the boost output voltage
are done through the System Control (SYS_CTL) register. Boost converter diagnostics
include over voltage and under voltage. The under voltage condition is reported by the
ER_BST_NOK bit in the POWER_STATE register. The integrated FET featuring the boost
switch is protected against short to battery by means of a thermal shutdown circuit. When
thermal fault is detected the FET is switched off and latched in this state until the related
fault flag ERBST_OT in the FLTSR register is read. In case of loss of ground the FET is
switched off and automatically reactivated as soon as ground connection is restored. Over-
voltage protection from load dump and inductive flyback is provided via an active clamp and
an ER_Boost disable circuitry, see Figure 10.
Figure 10. ERBOOST block diagram
GAPGPS01635
Comp
ERBST
Driver &
Control
CLAMP
enable
ERBSTSW
ERBOOST
BSTGND
CLAMP_ENTH
ERBST_DISABLE TH
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com