Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 35 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 31Page - STMicroelectronics L9678P Datasheet HTML 32Page - STMicroelectronics L9678P Datasheet HTML 33Page - STMicroelectronics L9678P Datasheet HTML 34Page - STMicroelectronics L9678P Datasheet HTML 35Page - STMicroelectronics L9678P Datasheet HTML 36Page - STMicroelectronics L9678P Datasheet HTML 37Page - STMicroelectronics L9678P Datasheet HTML 38Page - STMicroelectronics L9678P Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 215 page
background image
DS11626 Rev 9
35/216
L9678P, L9678P-S
Start-up power control
214
4.3.5
VDD3V3 linear regulator
The fully integrated VDD3V3 linear regulator provides 3.3 V system voltage derived directly
from VDD5. This voltage rail is used in case a 3.3 V micro-controller is adopted. The stability
of the regulation loop is guaranteed by use of a small external capacitor. Current limitation is
implemented and its maximum current capability on VDD3V3 is 125 mA. The VDD3V3
regulator is enabled in the ACTIVE mode and continues operation in the PASSIVE mode
using power from energy reserve. VDD3V3 supply is monitored for system reset (see Power
On Reset and Reset in Section 4.5); voltage monitoring is based on a second redundant
bandgap voltage reference.
Note that if the VDDQ pin (digital outputs supply) is connected to the VDD3V3, and any of
the digital output pins are connected to 5 V logic, there is no internal blocking diode to
prevent from back-feeding this 3.3 V supply.
Figure 15. VDD3V3 control behaviour
GAPGPS01638
VDD3V3
OFF
In VDD5_ON state
VDD3V3_ON
VDD3V3
SHUTDOWN
Start T2 5ms
Not in VDD5_ON state
T2 timeout
VDD3V3
power mode control
POWER-OFF_MODE
OR
SLEEP_MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com