Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 24 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 20Page - STMicroelectronics L9678P Datasheet HTML 21Page - STMicroelectronics L9678P Datasheet HTML 22Page - STMicroelectronics L9678P Datasheet HTML 23Page - STMicroelectronics L9678P Datasheet HTML 24Page - STMicroelectronics L9678P Datasheet HTML 25Page - STMicroelectronics L9678P Datasheet HTML 26Page - STMicroelectronics L9678P Datasheet HTML 27Page - STMicroelectronics L9678P Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 215 page
background image
Start-up power control
L9678P, L9678P-S
24/216
DS11626 Rev 9
Figure 4. Wake-up input signal behaviour
Condition summary:
1. No change of sleep mode state but current consumption may exceed specification for
sleep mode.
2. The sleep mode current returns within the specified limits.
3. Power supply exits sleep mode. Switchers start operating if applicable voltages exceed
under voltage lockouts. As Twakeup time-out is not elapsed, a low level at WAKEUP
instantaneously sends the system back to sleep.
4. Sleep Reset is released and the entire system starts operating. A SPI command to
enter sleep state would be ignored.
5. No change in system status, a SPI command to enter sleep state would be ignored.
6. No change in system status, but a SPI command to turn off switchers would be
accepted and turn the system off.
With the below table, all the functionalities of the device are shown with respect to the power
states. When one function is flagged, the related circuitry cannot be activated on that state.
GAPGPS01113
WAKEUP
t
<1ms
1ms
<1ms
1ms
1
2
3
5
6
10ms
4
SLEEP MODE
ACTIVE MODE
PASSIVE MODE
WU_on
WU_off
WakeUpFilt
t
Table 4. Functions disabling by state
Function
Power
Off
Wake-up
monitor
Awake Start-up
Run
Power
mode
shutdown
ER
Wakeup detector
X
-
-
-
-
-
-
Internal regulator
X
X
-
-
-
-
-
ERBOOST regulator
X
X
X
-
-
X
X
VSUP regulator (L9678P-S only)
X
X
X
-
-
-
-
ER CAP charge current source
X
X
X
-
-
X
X
ER switch
X
X
X
X
X
-
-
COVRACT Output
X
X
X
X
X
-
-
VDD5 regulator
X
X
X
-
-
-
-
VDD3V3 regulator
X
X
X
-
-
-
-
Deployment drivers
X
X
X
-
-
-
-
VSF safing FET regulator
X
X
X
-
-
-
-
Remote sensor interfaces
(L9678P-S only)
X
X
X
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com