Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 31 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 27Page - STMicroelectronics L9678P Datasheet HTML 28Page - STMicroelectronics L9678P Datasheet HTML 29Page - STMicroelectronics L9678P Datasheet HTML 30Page - STMicroelectronics L9678P Datasheet HTML 31Page - STMicroelectronics L9678P Datasheet HTML 32Page - STMicroelectronics L9678P Datasheet HTML 33Page - STMicroelectronics L9678P Datasheet HTML 34Page - STMicroelectronics L9678P Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 215 page
background image
DS11626 Rev 9
31/216
L9678P, L9678P-S
Start-up power control
214
Pulse skipping mode is also present to prevent output voltage from rising too much in case
of light load (IO_ERBST<IO_ERBST_MIN).
It is activated through an overvoltage comparator (VERBOOST_OV) at the feedback node.
Normal run time power for the system is provided directly from the battery input, not from the
boost. Boost energy is available to the system through the energy reserve crossover switch
once battery is lost or a commanded system shutdown is initiated. By default, the ERBoost
regulator is switched off once entered in passive mode. To keep active the ERBoost also in
passive mode the SPI bit SYS_CFG(KEEP_ERBST_ON) must be set to 1.
Figure 11. ERBOOST control behaviour
4.3.2
Energy reserve capacitor charging circuit
The energy reserve capacitor connected to VER pin can be charged in an efficient way by
means of a current generator. Its capability is 30 mA nominal, so that for example a 2.2 mF
capacitor can be charged in approximately 2 s to 24 V. The current generator is activated or
deactivated by SPI command only while in ACTIVE mode. When not in ACTIVE mode, the
generator is always switched off in order to decouple ERBOOST node voltage from VER
reserve voltage.
GAPGPS01120
ER BST ON
Active_mode = 1
AND
VBATMON > VBGOOD
AND
VIN > VINGOOD
AND
SYS_CTL(ER _BST _EN)=1
AND
GNDBOOST_loss = 0
AND
ERBST _OT=0
AND
ERBST_DISABLE=0
Default SYS_CTL(ER_BST_EN) = 1
at POR = 1
ER BOOST
power mode control
ER BST OFF
ERBST _OT=1/
ER BST OT
SPI _FLTSR READ
AND
ERBST _OT=0
ER BST STBY
SPI _SYS_CTL(ER_BST_EN=1)
AND
ERBST _OT=0
POWER-OFF_MODE
OR SLEEP_MODE
[(Active_mode = 0 OR
VBATMON < VBBAD)
AND
(ER_state=0 OR
SYS_CFG(KEEP_ERBST_ON)=0)]
OR
VIN < VINBAD
OR
SYSCTL(ER_BST_EN) = 0
OR
GNDBOOST_loss = 1
OR
ERBST_DISABLE=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com