Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 40 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 36Page - STMicroelectronics L9678P Datasheet HTML 37Page - STMicroelectronics L9678P Datasheet HTML 38Page - STMicroelectronics L9678P Datasheet HTML 39Page - STMicroelectronics L9678P Datasheet HTML 40Page - STMicroelectronics L9678P Datasheet HTML 41Page - STMicroelectronics L9678P Datasheet HTML 42Page - STMicroelectronics L9678P Datasheet HTML 43Page - STMicroelectronics L9678P Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 215 page
background image
SPI interface
L9678P, L9678P-S
40/216
DS11626 Rev 9
5
SPI interface
The L9678P system solution device has many user selectable features controlled through
serial communications by the integrated microcontroller. The SPI interface provides
configuration, control and status functions for the device. The global SPI interface consists
of an input shift register, output shift register and four control signals. SPI_MOSI is the data
input to the input shift register. SPI_MISO is the data output from the output shift register.
SPI_SCK is the clock source input while SPI_CS is the active-low chip select input.
All SPI communications are executed in exact 32-bit increments. The general format of the
32-bit transmission is shown in Table 5.
Data to the IC (i.e. SPI_MOSI) consists of a target read register ID (RID), a target write
register ID (WID), write data parity (WPAR) and 16 bits of data (WRITE). WRITE data is the
data to be written to the target write register indicated by WID. Data returned from the IC
(i.e. SPI_MISO) consists of a global status word (GSW), read data parity (RPAR) and 20 bits
of data (READ). READ data will be the contents of the target read register as indicated by
the RID bits. The parity bits WPAR and RPAR cover all the 32 bits of the MOSI and MISO
frames, respectively. Odd parity type is used.
The communications is controlled through SPI_CS, enabling and disabling communication.
When SPI_CS is at logic high, all SPI communication I/O is tri-stated and no data is
accepted. When SPI_CS is low, data is latched on the rising edge of SPI_SCK and data is
shifted on the falling edge. The SPI_MOSI pin receives serial data from the master with
MSB first. Likewise for SPI_MISO, data is read MSB first, LSB last.
The L9678P IC contains a data validation method through the SPI_SCK input to keep
transmissions with not exactly 32 bits from being written to the device. The SPI_SCK input
counts the number of received clocks and should the clock counter exceed or count fewer
than 32 clocks, the received message is discarded and a SPI_FLT bit is flagged in the
Global Status Word (GSW). The SPI_FLT bit is also set in case of parity error detected on
the MOSI frame. Any attempt access to a register with a forbidden access mode (read or
write) is not leading to changes to the internal registers but the SPI_FLT bit is not set in this
case.
The SPI interface consists of several 32-bit registers to allow for configuration, control and
status of the IC as well as special manufacturing test modes. The register definition is
defined by the read register ID (RID) and the write register ID (WID) as shown in Table 6 -
Global SPI Register Table. Global ID bit (GID) is used to extend available register
addresses, but it is shared between RID and WID; only RID and WID with the same GID
value can be addressed within the same SPI word. The operating states here show in which
states the SPI write command is processed.
Table 5. SPI register R/W
SPI register R/W
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
SPI_MOSI GID
RID[6:0]
WID[6:0]
WPAR
SPI_MISO
GSW[10:0]
RPAR
READ[19:16]
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
SPI_MOSI
WRITE[15:0]
SPI_MISO
READ[15:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com