Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 141 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 141 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 137Page - STMicroelectronics L9678P Datasheet HTML 138Page - STMicroelectronics L9678P Datasheet HTML 139Page - STMicroelectronics L9678P Datasheet HTML 140Page - STMicroelectronics L9678P Datasheet HTML 141Page - STMicroelectronics L9678P Datasheet HTML 142Page - STMicroelectronics L9678P Datasheet HTML 143Page - STMicroelectronics L9678P Datasheet HTML 144Page - STMicroelectronics L9678P Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 215 page
background image
DS11626 Rev 9
141/216
L9678P, L9678P-S
DC sensor interface
214
9
DC sensor interface
L9678P implements a circuitry able to interface with a variety of positioning sensors. The
sensors that can be connected to the device are Hall-effect, resistive or simple switches.
Range of measurements is:
Resistive sensor: 65 Ω to 3 kΩ
Hall-effect sensor: 2 mA to 20 mA.
Within the above ranges, accuracy of ±15% is granted. A reduced accuracy is given in the
range of 1 mA to 2 mA.
Hall sensor and switch interface block diagram is shown below.
Figure 38. Switch sensor interface block diagram
The global SPI contains several bits to control and configure the interface. The SWOEN bit
is used to enable the output voltage on DCSx pins. The channel to be activated can be
chosen by setting CHID bits accordingly. The interface activation is completely controlled by
user SPI command. The interface could be optionally configured for "automatic switch-off"
immediately after the current or resistance measurement completion by setting the
EN_AUTO_SWITCH_OFF bit in the SYS_CFG register.
GAPGPS01140
+
-
+
-
Ilim
+
-
VBG
DCSx
IDCS
IDCS/100
1
100
Vref = 2v5
10bits
Digital word = DCx voltage pin or ISAT
Open load if Iout (DCx) lower than 1.9mA
10nF÷100nF
Iref
VGND =
± 1V
VRESDIAG
Vref
Vin
100
R1
6.125*R1
AxR
R
LV analog mux
Blocks shared /multiplexed
among the the different channels
8*R2
R2
VINT3V3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com