Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 213 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 213 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 207Page - STMicroelectronics L9678P Datasheet HTML 208Page - STMicroelectronics L9678P Datasheet HTML 209Page - STMicroelectronics L9678P Datasheet HTML 210Page - STMicroelectronics L9678P Datasheet HTML 211Page - STMicroelectronics L9678P Datasheet HTML 212Page - STMicroelectronics L9678P Datasheet HTML 213Page - STMicroelectronics L9678P Datasheet HTML 214Page - STMicroelectronics L9678P Datasheet HTML 215Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 213 / 215 page
background image
DS11626 Rev 9
213/216
L9678P, L9678P-S
Revision history
214
21
Revision history
Table 68. Document revision history
Date
Revision
Changes
05-May-2016
1
Initial release.
12-Sep-2016
2
Modified the VRCM ‘Updated by SSM_RESET or SPI write’ on page
78.
Added Section 19: Errata sheet on page 254.
27-Oct-2016
3
Added two Order Codes on Table 1: Device summary on page 1.
09-Sep-2021
4
Added:
– Section : Applications in cover page;
– Section 15: Applications;
– Section 20: Order codes.
Minor text changes in:
– Section 3: Overview and block diagram;
– Section 4.1: Power supply overview;
– Section 5.2.23: Diagnostic result register for deployment loops
(LPDIAGSTAT), register “HIGH_LEV_DIAG_SELECTED[3:0]” for
“0100” from “unused” to “ER cap ESR measure”;
– Section 5.2.25: Loops diagnostic configuration command register
for high level diagnostic (LPDIAGREQ), register
“HIGH_LEV_DIAG_SELECTED[3:0]” for “100” from “unused” to
“ER cap ESR measure”;
– Section 10.7: Additional communication line.
Changed “Squib” in “Squib/pyroswitch” throughout the document.
03-Nov-2021
5
Updated:
– Figure 59: SPI timing diagram;
– Table 25: SPI AC specifications.
19-Apr-2022
6
Updated:
– Figure 2: Functional block diagram;
– Figure 58: Airbag application.
Minor text changes in:
– Table 1: Absolute maximum ratings;
– Table 2: Operative maximum ratings;
– Section 5.2.23: Diagnostic result register for deployment loops
(LPDIAGSTAT);
– Section 5.2.25: Loops diagnostic configuration command register
for high level diagnostic (LPDIAGREQ).
15-May-2023
7
Added Section 4.4: Oscillators;
Updated Section 4.5: Reset functions; Section 8.3: Watchdog timer
disable input (WDT/TM); Table 12: Bill Of Materials.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com