Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 175 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 175 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 171Page - STMicroelectronics L9679P Datasheet HTML 172Page - STMicroelectronics L9679P Datasheet HTML 173Page - STMicroelectronics L9679P Datasheet HTML 174Page - STMicroelectronics L9679P Datasheet HTML 175Page - STMicroelectronics L9679P Datasheet HTML 176Page - STMicroelectronics L9679P Datasheet HTML 177Page - STMicroelectronics L9679P Datasheet HTML 178Page - STMicroelectronics L9679P Datasheet HTML 179Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 279 page
background image
DS11627 Rev 7
175/279
L9679P
Remote sensor interface
278
Figure 42. PSI5 slot timing control
The remote sensor interface is also able to detect faults occurring on the sensor interface.
The Remote Sensor Data Register (RSDRx) will report multiple fault flags.
When the number of bits decoded is incorrect (either too many or too few), a bit error is
indicated. When any bit error is detected (bit time, too many bits, too few bits), the decoder
will revert to the minimum bit time of the selected range and the message is discarded.
Error bit INVALID is an OR-ed combination of the following errors:
Start bit error outside of selected operating range
Data length error or stop bit error
Parity Error of received Remote sensor Message
Bit time error (a data bit edge is not received inside the expected time window)
All fault bits related to channel error are loaded in the 3 time slot register and the fault has
the priority, so the fault overwrite valid data.
9.1.2
Sensor data integrity: LCID and CRC
Each RSDRx data register contains a Logical Channel ID which is a 4/2-bit field for remote
sensors used to link the received data to the corresponding logical channel number. Each
RSDRx register contains also a CRC bit field computed on the data packet for data integrity
check. To satisfy functional safety requirements LCID, DATA and CRC bit fields propagate
through the same data path as a single item to the SPI output.
The polynomial calculation implemented for PSI5 data is described as in PSI5 specification
g(x)=1+x+x^3 with initialization value equal to ‘111’.
Below are the equations to calculate the CRC in combinatorial way.
CRC[2] = CRCext[0]+D[0]+D[1]+D[3]+D[6]+D[7]+D[8]+D[10]+D[13]+D[14]+D[15]
328.9
T_ES_1
T_LS_1
T_EE_1
T_LE_1T_ES_2 T_LS_2
T_EE_2
T_LE_2 T_ES_3 T_LS_3
T_EE_3
T_LE_3
T_s1_end_open(min)
T_s1_end_open(max)
T_s1_end_closure(min)
T_s1_end_closure(max)
PSI5 frames
From Satellite
Frame end
Detect windows
Slot 1
Slot 2
Slot 3
Receiver
Response
Error Slot 1
Valid
Slot 1
Error Slot 1
Valid
Slot 2
Error
Slot 2
Valid
Slot 3
Error Slot 3
SYNC PULSE ENABLE
SATSYNC PIN
t0
Stop bit not
included
T_s2_end_open(min)
T_s2_end_open(max)
T_s3_end_open(min)
T_s3_end_open(max)
T_s2_end_closure(min)
T_s2_end_closure(max)
T_s3_end_closure(min)
T_s3_end_closure(max)
GAPGPS03314



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com