Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 179 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 179 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 175Page - STMicroelectronics L9679P Datasheet HTML 176Page - STMicroelectronics L9679P Datasheet HTML 177Page - STMicroelectronics L9679P Datasheet HTML 178Page - STMicroelectronics L9679P Datasheet HTML 179Page - STMicroelectronics L9679P Datasheet HTML 180Page - STMicroelectronics L9679P Datasheet HTML 181Page - STMicroelectronics L9679P Datasheet HTML 182Page - STMicroelectronics L9679P Datasheet HTML 183Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 279 page
background image
DS11627 Rev 7
179/279
L9679P
Remote sensor interface
278
9.2
Test mode
In order test the input structures of the connected microcontroller, the L9679P features a
wheel speed test mode that allows test patterns to be applied on the four wheel speed
outputs WS0-WS1. The test mode can be entered via SPI and the test patterns can also be
controlled via SPI commands. Test patterns can be composed only of static high or low
signals, which can be selected via SPI. For failsafe reasons only one channel at a time can
be switched into test mode.
9.3
Remote sensor interface fault protection
9.3.1
Short to ground, current limit
Each output is short circuit protected by an independent current limit. Should the output
current level reach or exceed the ILIMTH for a time period greater than TILIMTH or the
remote sensor interface the output stage is disabled. An internal up-down counter will count
in 25 µs increment up to TILIMTH. The filter time is chosen in order to avoid false current
limit detection for in-rush current that may happen at interface switch-on. When the output is
turned off due to current limit, the appropriate fault code STG is set in the Remote Sensor
Data Register (RSDR). The fault timer latch is cleared when the sensor channel is first
disabled and then re-enabled through the Remote Sensor Control Register (RSCTRL). This
fault condition does not interfere neither with the normal operation of the IC, nor with the
operation of the other channels. When a sensor fault is detected, the RSFLT bit of the GSW
is set indicating a fault occurred and can be decoded by addressing the RSDR register.
In order to fulfill the blanking time requirement at channel activation as per PSI-5
specification, a dedicated masking time is applied to the current limitation fault detection
each time a channel is activated.
9.3.2
Short to battery
All outputs are independently protected against a short to battery condition. Short to battery
protection disconnects the channel from its supply rail to guarantee that no adverse
condition occurs within the IC. The short-to-battery detection circuit has input offset voltage
(10mV, minimum) to prevent disconnecting of the output under an open circuit condition. A
short to battery is detected when the output RSUx pin voltage increases above SATBUCK
or SYNCBOOST (depending on operation) supply pin voltage for a TSTBTH time. An internal
up-counter will count in 1.5 µs increment up to TSTBTH. The counter will be cleared if the
short condition is not present for at least 1.5 µs. The channel in short to battery is not shut
down by this condition. Other channels are not affected in case of short of one output pin.
As in the case previously described, the STB fault code can be read from RSDR bits and
any fault will set the RSFLT bit of the global status word register (GSW). The STB bit is
cleared upon read or upon channel disabled via SPI RSCTRL register.
9.3.3
Cross link
The device provides also the capability of a cross link check between outputs, in order to
reveal conditions where two output channels are in short. This functionality is allowed by
enabling one output channel, while asking for voltage measurement on any of the other
ones.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com