Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 178 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 178 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 174Page - STMicroelectronics L9679P Datasheet HTML 175Page - STMicroelectronics L9679P Datasheet HTML 176Page - STMicroelectronics L9679P Datasheet HTML 177Page - STMicroelectronics L9679P Datasheet HTML 178Page - STMicroelectronics L9679P Datasheet HTML 179Page - STMicroelectronics L9679P Datasheet HTML 180Page - STMicroelectronics L9679P Datasheet HTML 181Page - STMicroelectronics L9679P Datasheet HTML 182Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 279 page
background image
Remote sensor interface
L9679P
178/279
DS11627 Rev 7
A Manchester Decoder Error occurs if one or more of the following are true:
Two valid start bits are detected, and at least one of the expected 13 mid-bit transitions
are not detected
Two valid start bits are detected, and more than 13 mid-bit transitions are detected
When the number of bits decoded is incorrect (either too many or too few), a bit error is
indicated. When any bit error is detected (bit time, too many bits, too few bits), the
decoder will revert to the minimum bit time of the selected range and the message is
discarded.
The Manchester decoder re-initializes at the start of each timeslot, such that remote sensor
frames violating timeslot boundaries will result in the setting of a Manchester Error. All errors
are readable through the Sensor Fault Status Register and the RSFLT bit in the Global
Status Word Register.
When a valid message is correctly decoded, the 10/8 data bits are stored into the
appropriate RSDRx register together with the related LCID. The RSDRx register contains
the 10/8 bits data as they are received from the sensor (no data range check/mask is done
at this stage). The 8-bit data word is right-justified inside the 10-bit data field in the RSDRx
registers.
Current sensor w/ auto-adjust trip current
The current sensor is responsible for translating the current drawn by the sensor into a
digital state. Each remote sensor channel has a dedicated current sensor.
The current flowing through the RSU power stage is internally downscaled by a factor 100,
sent to a 10 bits A/D converter and digitally processed to extract both the sensor quiescent
and delta currents.
The delta current threshold for signal detection can either be fixed or auto-adjusted to the
actual calculated sensor delta current, depending on the FIX_THRESH bit setting in the
RSCRx registers.
The current trip point is dynamically determined by adding the delta current threshold
(fixed/auto-adjusted) to the quiescent current (auto-adjusted). The RSU current is compared
against the current trip point to determine the current demodulator digital output. A logic '1'
represents the sensor current above the current trip point. The current demodulator output
is fed into the Manchester decoder and optionally to the WSx discrete output pins,
depending on the configuration of the RSPTEN bit in the RSCRx registers.
Thanks to the quiescent and delta current tracking features the receiver is capable of
automatically adapting to different nominal sensor currents and/or to be tolerant to sensor
current drifts over lifetime.
Both the sensor quiescent and delta current tracking algorithms can be configured by
setting appropriately the REDUCED_RANGE, BLOCK_CURR_IN_MSG and AVG/SSDIS
bits in the RSCRx registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com