Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 222 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 222 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 218Page - STMicroelectronics L9679P Datasheet HTML 219Page - STMicroelectronics L9679P Datasheet HTML 220Page - STMicroelectronics L9679P Datasheet HTML 221Page - STMicroelectronics L9679P Datasheet HTML 222Page - STMicroelectronics L9679P Datasheet HTML 223Page - STMicroelectronics L9679P Datasheet HTML 224Page - STMicroelectronics L9679P Datasheet HTML 225Page - STMicroelectronics L9679P Datasheet HTML 226Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 279 page
background image
Applications
L9679P
222/279
DS11627 Rev 7
D3
-
1
-
A
-
WAKEUP diode
D4
-
1
-
A
-
SYNC Boost diode
D5
-
12
-
V
-
Safing FET Zener diode
D6
-
-
250
mA
35 V
VSF diode (reverse protection)
D7, D8,
D9, D10
-
1
-
A
-
SSxy diode
D11
-
10
-
A
-
ISO9141 pull-up diode
D12
-
-
10
mA
15 V
WDT/TM Zener diode
L1
-
10
-
μH
1 A
ER Boost inductor
L2
-
4.7
-
μH
1 A
SYNC Boost inductor
L3
-
4.7
-
μH
1 A
SAT Boost inductor
L4
-
4.7
-
μH
1 A
VCC Boost inductor
R1
-
0.43
-
Ω
1 W
Current limit resistor
R2
-
1
-
kΩ
100 mW
VBATMON current limit resistor
R3a
-
221
-
Ω
250 mW
Diagnostic resistor (R0805)
R3b
-
221
-
Ω
250 mW
Diagnostic resistor (R0805)
R4
-
1.5
-
kΩ
100 mW
Safing FET passive pull-up resistor
R5
-
22
-
kΩ
100 mW
External Safing FET enable resistor
R6
-
100
-
Ω
125 mW
Diagnostic resistor
R7, R8,
R9, R10
-
4.7
-
kΩ
100 mW
Safing FET diagnostic resistor
R11
-
4.7
-
kΩ
100 mW
Safing FET diag enable resistor
R12
-
4.7
-
kΩ
100 mW
Safing FET diag enable pull-down
resistor
R13
-
22
-
kΩ
100 mW
WDT/TM resistor
R14
-
510
Ω
125 mW
ISO9141 pull-up resistor
Q1
-
60
-
A
60 V
External Safing FET (N-channel)
Q2
-
1
-
A
80 V
Safing FET diag enable switch
Q3
-
-
-
-
-
WDT/TM switch, see Section 10.4
U1
-
-
-
-
PUMD15
External Safing FET enable
Table 20.Bill Of Materials (continued)
Component
Min
Typ
Max
Unit
Requirement
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com