Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 225 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 225 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 221Page - STMicroelectronics L9679P Datasheet HTML 222Page - STMicroelectronics L9679P Datasheet HTML 223Page - STMicroelectronics L9679P Datasheet HTML 224Page - STMicroelectronics L9679P Datasheet HTML 225Page - STMicroelectronics L9679P Datasheet HTML 226Page - STMicroelectronics L9679P Datasheet HTML 227Page - STMicroelectronics L9679P Datasheet HTML 228Page - STMicroelectronics L9679P Datasheet HTML 229Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 279 page
background image
DS11627 Rev 7
225/279
L9679P
Electrical characteristics
278
31 ILKG_VER_OFF
VER Input Leakage
Device OFF
VER = 40V
-5
-
50
µA
32 ILKG_VER_ON_L
Device ON
ERBOOST > VER
ER Charge OFF
50
-
200
µA
33 ILKG_VER_ON_H
Device ON
ERBOOST < VER
ER Charge OFF
100
-
500
µA
34 VWDTDIS_TH
WDT/TM threshold
Test go no go
10
12
14
V
35 VWDTDIS_HYST
WDT/TM hysteresis
Design Info
0.2
0.4
0.5
V
36 IPD_WDTDIS
WDT/TM Pull Down
Resistance
VWDTDIS ≤ 5V
20
45
70
µA
37 VTH2_H_VCCSEL_
VCCSEL Input Voltage
Thresholds 2
-
5.9
6.4
6.9
V
38 VTH2_L_VCCSEL
-
5.6
6.1
6.6
V
39 VHYS2_VCCSEL
-
0.2
-
-
V
40 IPD_VCCSEL
VCCSEL Pull Down
Current
VCCSEL= SATBUCK
20
45
70
µA
41 ITOTLKG_BAT
Battery Line Total Input
Leakage
Room Temp
WAKEUP = 0
All following pins at 13V:
VBATMON, VIN, ERBSTSW,
ERBOOST, SYNCBSTSW,
SYNCBOOST
Guaranteed by design
-
-
35
µA
42 TJ
Junction Temperature
Design Info
-
-
150
ºC
1. Bigger capacitor can be used in case an external switch is used in parallel to the ER-Switch.
Table 21. Configuration and control DC specifications (continued)
No
Symbol
Parameter
Conditions
Min Typ Max Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com