Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 224 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 224 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 220Page - STMicroelectronics L9679P Datasheet HTML 221Page - STMicroelectronics L9679P Datasheet HTML 222Page - STMicroelectronics L9679P Datasheet HTML 223Page - STMicroelectronics L9679P Datasheet HTML 224Page - STMicroelectronics L9679P Datasheet HTML 225Page - STMicroelectronics L9679P Datasheet HTML 226Page - STMicroelectronics L9679P Datasheet HTML 227Page - STMicroelectronics L9679P Datasheet HTML 228Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 279 page
background image
Electrical characteristics
L9679P
224/279
DS11627 Rev 7
13b ΔVBGOOD2_VBBAD
2
VBATMON delta
thresholds
VBGOOD2_VBBAD2
300
-
600 mV
14 ILKG_VBATMON_OFF
VBATMON input
leakage
Device OFF
-5
-
5
µA
15 ILKG_VBATMON_ON
Device ON
Design Info
20
24
30
µA
16 RPD_VBATMON
VBATMON pull-down
resistance
Device ON
VBATMON < 10V
Design Info
125 250 375
kΩ
17 ILKG_VBATMON_TOT
VBATMON total input
leakage
ILKG_VBATMON_ON + RPD_VBATMO
VBATMON = 18V
35
-
180
µA
18 VINGOOD0
VIN Good and VIN Bad
Thresholds
SYS_CTL(VIN_TH_SEL)=0
5
5.25 5.5
V
19 VINBAD0
SYS_CTL(VIN_TH_SEL)=0
4.5 4.75
5
V
20 VINGOOD1
SYS_CTL(VIN_TH_SEL)=1
6.05 6.3 6.55
V
21 VINBAD1
SYS_CTL(VIN_TH_SEL)=1
5.55 5.8 6.05
V
22 VINFASTSLOPE_H
VIN Thresholds used
to change Boost
regulator transition
time
-
9.3
9.8 10.3
V
23 VINFASTSLOPE_L
-
9
9.5
10
V
24 VINFASTSLOPE_HYS
-
0.2
0.3
0.4
V
25 VINSYNC_DIS_L
VIN SyncBoost Disable
Thresholds
SYS_CTL(SYBST_V) =0
12.2
-
13.6
V
26 VINSYNC_DIS_H
SYS_CTL(SYBST_V) = 1
15
-
16.2
V
27
VIN SYNC_DIS_LYS
VIN SYNC_DIS_HYS
SYS_CTL(SYBST_V) = 0 / 1
Guaranteed by design
5
-
300 mV
28 ILKG_VIN_OFF
VIN input current
Device OFF
VIN = 40V
-10
-
10
µA
29 IVIN_ON
VIN current
consumption
Device ON
VIN = 12V
-
-
40
mA
30 CVIN
External VIN capacitor
Design Info
1
-
13(1) µF
Table 21. Configuration and control DC specifications (continued)
No
Symbol
Parameter
Conditions
Min Typ Max Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com