Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 248 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 248 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 244Page - STMicroelectronics L9679P Datasheet HTML 245Page - STMicroelectronics L9679P Datasheet HTML 246Page - STMicroelectronics L9679P Datasheet HTML 247Page - STMicroelectronics L9679P Datasheet HTML 248Page - STMicroelectronics L9679P Datasheet HTML 249Page - STMicroelectronics L9679P Datasheet HTML 250Page - STMicroelectronics L9679P Datasheet HTML 251Page - STMicroelectronics L9679P Datasheet HTML 252Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 279 page
background image
Electrical characteristics
L9679P
248/279
DS11627 Rev 7
18 ILKG_SR_ON
SR Leakage Current
Device ON,
SYNCBOOST = SSxy = 35V,
SRx = 0V-35
-
-
50
µA
19
ILKG_SR_OFF
DEVICE OFF,
SYNCBOOST = open,
SSxy = open but all SSxy pins
connected,
SRx pull down current OFF
SRx=0V-20V
-
-
50
µA
20
DEVICE OFF,
SYNCBOOST = open,
SSxy = open but all SSxy pins
connected,
SRx pull down current OFF
SRx=35V
-
-
30
mA
21 VSR_CLAMP SR voltage clamp
-
35
-
40
V
22
LDEPL
Load Inductance
Maximum load inductance
Design Info(2)
0
-
56
µH
23
CSFx
Load Capacitance
Maximum capacitance to GND
Design Info
13
-
455
nF
24
CSRx
13
-
455
nF
25
CSSxy
SSxy Capacitance
Maximum capacitance to GND
connected directly to SSxy pin
Design Information
-
-
10
nF
26
RSFLx
Load Impedance
Design Info
-
-
6.5
Ω
27
Wire Length
Squib/pyroswitch Loops
containing a clock spring shall be
limited to a maximum length of
3m
1
-
10
m
28
RWirex
Wire Resistance
Design Info
16.8
-
63.4 mΩ/
m
29
LWirex
Wire Inductance
Design Info
0.6
-
1.8
µH/
m
30
RCSx
Clock Spring Resistance
Maximum number of clock
springs is 3 for any IC
Design Info
0
-
0.7
Ω
Table 56. Deployment drivers – DC specifications (continued)
No
Symbol
Parameter
Comments / Conditions
Min
Typ
Max Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com