Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 246 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 246 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 242Page - STMicroelectronics L9679P Datasheet HTML 243Page - STMicroelectronics L9679P Datasheet HTML 244Page - STMicroelectronics L9679P Datasheet HTML 245Page - STMicroelectronics L9679P Datasheet HTML 246Page - STMicroelectronics L9679P Datasheet HTML 247Page - STMicroelectronics L9679P Datasheet HTML 248Page - STMicroelectronics L9679P Datasheet HTML 249Page - STMicroelectronics L9679P Datasheet HTML 250Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 279 page
background image
Electrical characteristics
L9679P
246/279
DS11627 Rev 7
18.16
Deployment drivers
All electrical characteristics are valid for the following conditions unless otherwise noted:
-40 °C  Ta  +95 °C, VINGOOD0  VIN  35V, 6V  SSxy  35V, SSxy - SFx  25V.
Table 56. Deployment drivers – DC specifications
No
Symbol
Parameter
Comments / Conditions
Min
Typ
Max Unit
1
IDEPL_LO
Deployment Current
R = 2 ohms
Considering 9mA as not detected
leakage with a 1kOhm equivalent
resistance from SFx to GND
1.33
1.4
1.6
A
2
IDEPL_HI
R = 2 ohms, 9V ≤ SSxy
Considering 13.5mA as not
detected leakage with a 1kOhm
equivalent resistance from SFx to
GND,
1.94
1.99
2.3
A
3
ITH_DEPL
Deployment Current Counter
Threshold
-
IDEPL
x *
90%
-
-
A
4
IOC_SR
Low side Over Current
Detection
-
2.2
3.1
4.0
A
5
ILIM_SR
Low side
Current Limitation
-
2.2
3.1
4.0
A
6 ΔILIM_OC_SR
Difference between Current
Limitation and OC Threshold ILIM_SR - IOC_SR
0.1
-
-
mA
7 RDSON_HSLS
Combined High side MOS +
Low side MOS On
Resistances
Ta = 95°C
-
-
2
Ω
8
IREV_SF
Reverse Current on SFx
Without device malfunction(1)
Not to be tested in series
production
-
-
-100
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com