Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 244 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 244 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 240Page - STMicroelectronics L9679P Datasheet HTML 241Page - STMicroelectronics L9679P Datasheet HTML 242Page - STMicroelectronics L9679P Datasheet HTML 243Page - STMicroelectronics L9679P Datasheet HTML 244Page - STMicroelectronics L9679P Datasheet HTML 245Page - STMicroelectronics L9679P Datasheet HTML 246Page - STMicroelectronics L9679P Datasheet HTML 247Page - STMicroelectronics L9679P Datasheet HTML 248Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 279 page
background image
Electrical characteristics
L9679P
244/279
DS11627 Rev 7
18
VCCUV3V
VCC under voltage
detection high
VCCSEL < VTH2_L_VCCSEL
3.0
-
3.17
V
19
VCCUV5V
VCCSEL > VTH2_H_VCCSEL
4.5
-
4.75
V
20
VCCUVL
VCC under voltage
detection low
-
1.8
2
2.2
V
Table 51. VCC regulator DC specifications (continued)
No
Symbol
Parameter
Conditions
Min
Typ
Max Units
Table 52. VCC converter AC specifications
No
Symbol
Parameter
Conditions
Min
Typ Max Units
1
FSW_VCCBCK
VCCBUCK switching
frequency
-
1.8
1.882 2.0
MHz
2
TRISE_VCCBCKSW
TFALL_VCCBCKSW
VCCBCKSW transition time
10% to 90% voltage on
VCCBCKSW
Design Info
8
-
20
ns
3 TSOFTST_VCCBCK VCCBUCK soft start time
From 10% to 90%
0.5
-
2
ms
4
TFLT_VCCOV
VCC over voltage
detection deglitch filter time
-
27
30
33
µs
5 TFLT_VCCOV_RAMPUP
VCC Over voltage
detection deglitch filter time
during VCC_RAMPUP state
VCC reg in VCC_RAMPUP
state
1.5
2
2.5
µs
6
TFLT_VCCUV
VCC under voltage
detection deglitch filter time
-
27
30
33
µs
7
TFLT_VCCUVL
VCC under voltage low
detection deglitch filter time
-
1.5
2
2.5
µs
Table 53. VCC converter external components design info
No
Symbol
Component
Conditions
Min
Typ
Max
Unit
1
LVCCBCK
Inductance
Min 4.7 µH nominal
3.76
-
-
µH
2
ESRLVCCBCK
Inductance resistance
-
-
-
0.25
Ω
3
CBLK_VCCBCK
Output bulk capacitance
Min 4.7 µF nominal
3
-
30
µF
4 ESRCBLK_VCCBCK Bulk capacitor ESR
-
-
-
50
mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com