Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 241 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 241 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 237Page - STMicroelectronics L9679P Datasheet HTML 238Page - STMicroelectronics L9679P Datasheet HTML 239Page - STMicroelectronics L9679P Datasheet HTML 240Page - STMicroelectronics L9679P Datasheet HTML 241Page - STMicroelectronics L9679P Datasheet HTML 242Page - STMicroelectronics L9679P Datasheet HTML 243Page - STMicroelectronics L9679P Datasheet HTML 244Page - STMicroelectronics L9679P Datasheet HTML 245Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 279 page
background image
DS11627 Rev 7
241/279
L9679P
Electrical characteristics
278
18.13
SATBUCK converter
All electrical characteristics are valid for the following conditions unless otherwise noted:
-40 °C  Ta  +95 °C, VINGOOD0  VIN  35V, VSYNCBST_OK  SYNCBOOST
5
VFSTR
Steering diode forward
voltage
IF = 1 A
-
-
0.5
V
6
ILKGSTR
Steering diode reverse
leakage
Ta = 95 °C
-
-
3
mA
Table 47. SYNCBOOST converter external components design info (continued)
No
Symbol
Component
Conditions
Min
Typ
Max
Unit
Table 48. SATBUCK converter DC specifications
No
Symbol
Parameter
Conditions
Min
Typ
Max Unit
1
VO_SATBCK
SATBUCK output
voltage
Across all line and load,
steady state SAT_V = 0
6.92
7.2
7.48
V
2
Across all line and load,
steady state SAT_V = 1
8.64
9
9.36
V
3
IO_SATBCK_VH_IH
SATBUCK output
current
SAT_V =0
LOW_POWER_MODE = 0
20
-
450
mA
4
IO_ SATBCK _VH_IL
SAT_V =0
LOW_POWER_MODE = 1
20
-
300
mA
5
IO_ SATBCK _VL_IH
SAT_V =1
LOW_POWER_MODE = 0
20
-
390
mA
6
IO_ SATBCK _VL_IL
SAT_V =1
LOW_POWER_MODE = 1
20
-
240
mA
7
dVSR_ac
Line transient
response
All line, load; dt=100 µs;
SAT_V = 0/1
Design Info
-4%
-
4%
%
8
dVLR_ac
Load transient
response
All line, load; dt=100 µs;
SAT_V = 0/1
Design Info
-4%
-
4%
%
9
RDSON_SATBCK_HS
High side power
switch resistance
SyncBoost = 12 V and 35 V
-
-
1.4
Ω
10
RDSON_SATBCK_LS
Low side power
switch resistance
SyncBoost = 12 V and 35 V
-
1
Ω
11
IOC_HS_SATBCK_HI High side over
current detection
LOW_POWER_MODE = 0
0.83
1.1
1.37
A
12
IOC_HS_SATBCK_LO
LOW_POWER_MODE = 1
0.53
0.7
0.9
A
13 IOCP_LS_SATBCK_LO Low side positive
over current
detection
VSATBCKSW ≥ 0
VSYNCBST < VSYNCBST_RESTART_TH
1
-
100
mA
14 IOCP_LS_SATBCK_HI
VSATBCKSW ≥ 0
FAST SLOPE
100
240
350
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com