Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 240 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 240 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 236Page - STMicroelectronics L9679P Datasheet HTML 237Page - STMicroelectronics L9679P Datasheet HTML 238Page - STMicroelectronics L9679P Datasheet HTML 239Page - STMicroelectronics L9679P Datasheet HTML 240Page - STMicroelectronics L9679P Datasheet HTML 241Page - STMicroelectronics L9679P Datasheet HTML 242Page - STMicroelectronics L9679P Datasheet HTML 243Page - STMicroelectronics L9679P Datasheet HTML 244Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 279 page
background image
Electrical characteristics
L9679P
240/279
DS11627 Rev 7
20 TJSDERSYNCBST
Thermal shutdown
-
150
175
190
C
21 THYS_TSDSYNCBST
Thermal shutdown
hysteresis
-
5
10
15
°C
Table 45. SYNCBOOST converter DC specifications (continued)
No
Symbol
Parameter
Conditions
Min
Typ
Max Unit
Table 46. SYNCBOOST converter AC specifications
No
Symbol
Parameter
Conditions
Min
Typ
Max Unit
1
FSW_SYNCBST
SYNCBST
switching frequency -
1.8
1.882
2.0
MHz
2
TRISE_SYNCBSTSW_SLOW
TFALL_SYNCBSTSW_SLOW
SYNCBSTSW
transition time
10% to 90% voltage on
SYNCBSTSW
VIN = VINFASTSLOPE_H
Design Info
15
-
30
ns
3
TRISE_SYNCBSTSW_FAST
TFALL_SYNCBSTSW_FAST
10% to 90% voltage on
SYNCBSTSW
VIN = VINFASTSLOPE_L
Design Info
5
-
20
ns
4
TSOFTST_SYNCBST
SYNCBST Soft-
start Time
Design Info.
Time from activation of
SYNCBOOST when
overcurrent is 40 % of
IOC_SYNCBST_HIGH
(IOC_SYNCBST_LOW) to
instant when overcurrent is
100% of IOC_SYNCBST_HIGH
(IOC_SYNCBST_LOW)
-
-
1075
µs
5
TSOFTST_OC_SYNCBST
ERBOOST Over
Current threshold
soft start time
Not tested
-5%
1024
+5%
µs
6
TFLT_TSD_SYNCBST
Thermal shutdown
filter time
-
-
-
10
µs
7
TBLK_SYNCSW
Sync boost
activation blanking
time after thermal
shutdown
-
-
1
-
ms
Table 47. SYNCBOOST converter external components design info
No
Symbol
Component
Conditions
Min
Typ
Max
Unit
1
LSYNCBST
Inductance
Min 4.7 µH nominal
3.76
-
-
µH
2
ESLSYNCBST
Inductance resistance
-
-
-
0.1
Ω
3
CBLK_SYNCBST
Output bulk capacitance
Min 2.2 µF nominal
1.76
-
-
µF
4
ESRCBLK_SYNCBST Bulk capacitor ESR
-
-
-
50
mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com