Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 242 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 242 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 238Page - STMicroelectronics L9679P Datasheet HTML 239Page - STMicroelectronics L9679P Datasheet HTML 240Page - STMicroelectronics L9679P Datasheet HTML 241Page - STMicroelectronics L9679P Datasheet HTML 242Page - STMicroelectronics L9679P Datasheet HTML 243Page - STMicroelectronics L9679P Datasheet HTML 244Page - STMicroelectronics L9679P Datasheet HTML 245Page - STMicroelectronics L9679P Datasheet HTML 246Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 279 page
background image
Electrical characteristics
L9679P
242/279
DS11627 Rev 7
15 IOCN_LS_SATBCK_HI Low side negative
over current
detection
VSATBCKSW = 0
LOW_POWER_MODE = 0
0.94
1.25
1.56
A
16 IOCN_LS_SATBCK_LO
VSATBCKSW = 0
LOW_POWER_MODE = 1
0.64
0.85
1.06
A
17
VSATBCK_OK_LOW SATBUCK voltage
threshold
SYS_CTL(SAT_V) = 0
6.2
6.5
6.8
V
18
VSATBCK_OK_HIGH
SYS_CTL(SAT_V) = 1
7.7
8.1
8.5
V
Table 48. SATBUCK converter DC specifications
No
Symbol
Parameter
Conditions
Min
Typ
Max Unit
Table 49. SATBUCK converter AC specifications
No
Symbol
Parameter
Conditions
Min
Typ Max Units
1
FSW_SATBCK
SATBUCK switching
frequency
-
1.8
1.882 2.0
MHz
2
TRISE_SATBCKSW
_SLOW
TFALL_SATBCKSW
_SLOW
SATBCKSW transition time
10% to 90% voltage on
SATBCKSW
VSYNCBST <
VSYNCBST_RESTART_TH
Design Info
10
-
25
ns
3
TRISE_SATBCKSW
_FAST
TFALL_SATBCKSW
_FAST
10% to 90% voltage on
SATBCKSW
VSYNCBST >
VSYNCBST_RESTART_TH
Design Info
5
-
15
4 TSOFTST_SATBCK SATBUCK soft start time
From 10% to 90%
0.50
-
2
ms
Table 50. SATBUCK converter external components design info
No
Symbol
Component
Conditions
Min
Typ
Max
Unit
1
LSATBCK
Inductance
Min 4.7 µH nominal
3.76
-
-
µH
2
ESRLSATBCK
Inductance Resistance
-
-
-
0.25
Ω
3
CBLK_SATBCK
Output Bulk Capacitance
Min 4.7 µH nominal
3
-
30
µF
4
ESRCBLK_SATBCK Bulk Capacitor ESR
-
-
-
50
mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com