Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 262 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 262 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 258Page - STMicroelectronics L9679P Datasheet HTML 259Page - STMicroelectronics L9679P Datasheet HTML 260Page - STMicroelectronics L9679P Datasheet HTML 261Page - STMicroelectronics L9679P Datasheet HTML 262Page - STMicroelectronics L9679P Datasheet HTML 263Page - STMicroelectronics L9679P Datasheet HTML 264Page - STMicroelectronics L9679P Datasheet HTML 265Page - STMicroelectronics L9679P Datasheet HTML 266Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 279 page
background image
Electrical characteristics
L9679P
262/279
DS11627 Rev 7
18.20
Safing engine
All electrical characteristics are valid for the following conditions unless otherwise noted:
40 °C  Ta  +95 °C, VINGOOD0  VIN  35 V, VCCx(min)  VCCx  VCCx(max),
VCC = 3.3 V or 5 V.
15a IPD_DCS_OFF
DCSx current pull down
VDCS ≥ 1.5 V
All DCS channels OFF
Not tested
70
100
130 µA
15b
IPD_DCS
VDCS ≥ 1.5 V
Pull-down current on all DCS channels
but the one activated
160
200
250 µA
16
RPD_DCS
DCSx resistance
pull down
Device active,
DCSx current pull down disabled
90
150
210 kΩ
17a IPD_DCS_TOT
DCSx total current
pull down
IPD_DCS_TOT = IPD_DCS_OFF + RPD_DCS
VDCS = 6.5 V
All DCS channels OFF
Not tested
80
140
220 µA
17b
IPD_DCS
IPD_DCS_TOT = IPD_DCS + RPD_DCS
VDCS = 6.5 V
Total Pull-down current on all DCS
channel but the one activated.
180
240
320 µA
18
CDCS
Output capacitance
Design Info
10
-
-
nF
19
IREF_DCS
Internal Current
Reference for DCS
Current Measurement
-
-5%
300 +5% µA
20 Ratio_VDCS Divider ratio for DCSx
voltage measurement
-
-3% 7.125 +3% V/V
21
VOFF_DCS
DCSx internal offset
during voltage
measurement
-
0.35 0.375 0.39
V
Table 64. DC Sensor interface specifications
No
Symbol
Parameter
Conditions
Min
Typ Max Unit
Table 65. Arming Interface – DC specifications
No
Symbol
Parameter
Conditions
Min
Typ
Max Unit
1
VTH_H_ACL
ACL input voltage
thresholds
-
2.33
-
2.5
V
2
VTH_L_ACL
-
1.58
-
1.71
V
3
VHYS_ACl
ACL hysteresis
-
0.6
0.75
0.9
V
4
RPD_ACL
ACL pull down resistance
VACL = 3.3V
150
210
270
kΩ
5
VOH_ARM
ARMx output high voltage
ILOAD = -0.5 mA
internal safing selected
VCC-0.60
-
VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com