Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 265 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 265 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 261Page - STMicroelectronics L9679P Datasheet HTML 262Page - STMicroelectronics L9679P Datasheet HTML 263Page - STMicroelectronics L9679P Datasheet HTML 264Page - STMicroelectronics L9679P Datasheet HTML 265Page - STMicroelectronics L9679P Datasheet HTML 266Page - STMicroelectronics L9679P Datasheet HTML 267Page - STMicroelectronics L9679P Datasheet HTML 268Page - STMicroelectronics L9679P Datasheet HTML 269Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 279 page
background image
DS11627 Rev 7
265/279
L9679P
Electrical characteristics
278
18.21
General purpose output drivers
All electrical characteristics are valid for the following conditions unless otherwise noted:
40 °C  Ta  +95 °C, VINGOOD0  VIN  35V, VGPODx + 5V  VERBOOST.
Table 67. GPO interface DC specifications
No
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
1
VSAT_GPO_L Output saturation voltage
VGPOD – VGPOS
ILOAD = 50 mA, ERBOOST = 35 V
-
-
0.5
V
2
VSAT_GPO_H Output saturation voltage
VGPOD – VGPOS
ILOAD = 70 mA
-
-
0.7
V
3
ILIM_GPO
Driver current limit
VGPOD – VGPOS = 1.5 V
ERBOOST = 35 V
73
110
160
mA
4
IOC_GPO
Over current detection
ERBOOST = 35 V
73
110
160
mA
5
VOUT_GPOD_OL
GPO diag OFF output
voltage on GPOD in low
side mode in open load
condition
GPOxLS = 1
IOUT = 0 mA
-10% 2.5 +10%
V
6
VOUT_GPOS_OL
GPO diag OFF output
voltage on GPOS in high
side mode in open load
condition
GPOxLS = 0
IOUT = 0 mA
-10% 2.5 +10%
V
7
ISRC_TH
GPO diag OFF state short
to ground detection
threshold
GPOxLS = 0 / 1
15
27
40
µA
8
ISINK_TH_LS
GPO Diag OFF state short
to battery detection
threshold low side mode
GPOxLS = 1
GPOS = 0
15
27
46
µA
9
ISINK_TH_HS
GPO Diag OFF state short
to battery detection
threshold high side mode
GPOxLS = 0
170
220
270
µA
10 ILIM_GPOD_SRC
GPO Diag OFF state
low side mode
current limitation on GPOD
GPOxLS = 1,
GPO Driver OFF,
GPOD = 0 V, GPOS = 0 V
-90
-70
-50
µA
11 ILIM_GPOD_SINK
GPOxLS = 1,
GPO Driver OFF,
GPOD = 18 V, GPOS = 0 V
50
70
90
µA
12
ILIM_GPOS_SRC
GPO Diag OFF state
high side mode
current limitation on GPOS
GPOxLS = 0,
GPO Driver OFF,
GPOD = 18 V, GPOS = 0 V
-90
-70
-50
µA
13 ILIM_GPOS_SINK
GPOxLS = 0,
GPO driver OFF,
GPOD = 18 V,GPOS = 18 V
320
400
480
µA
14
IOL_GPO
Open load current
threshold
GPO driver ON
0.5
1
3
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com