Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 267 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 267 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 263Page - STMicroelectronics L9679P Datasheet HTML 264Page - STMicroelectronics L9679P Datasheet HTML 265Page - STMicroelectronics L9679P Datasheet HTML 266Page - STMicroelectronics L9679P Datasheet HTML 267Page - STMicroelectronics L9679P Datasheet HTML 268Page - STMicroelectronics L9679P Datasheet HTML 269Page - STMicroelectronics L9679P Datasheet HTML 270Page - STMicroelectronics L9679P Datasheet HTML 271Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 279 page
background image
DS11627 Rev 7
267/279
L9679P
Electrical characteristics
278
18.22
ISO9141 Interface (K-LINE)
All electrical characteristics are valid for the following conditions unless otherwise noted:
40 °C  Ta  +95 °C, VINGOOD0  VIN  35 V.
6
TMASK_STUP_ON
Diagnostic mask
delay after switch ON CGPOX = 100 nF typ
136
-
200
µs
7 TMASK_STUP_OFF
Diagnostic mask
delay after switch
OFF
CGPOX = 100 nF typ
520
-
584
µs
8
TFLT_TSD
Thermal shutdown
filter time
-
-
-
10
µs
9
FPWM
GPO PWM frequency Design Info
-
125
Hz
10
DCPWM
GPO PWM duty cycle Increment step = 1.6%
0
-
100
%
Table 68. GPO driver interface – AC specifications (continued)
No
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 69. ISO9141 interface DC specifications
N°
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
1
VIH_ISOTX
ISOTX high level input
voltage
-
2
-
-
V
2
VIL_ISOTX
ISOTX low level input
voltage
-
-
-
0.8
V
3
VHYS_ISOTX
ISOTX hysteresis input
voltage
-
150
-
500
mV
4
IPU_ISOTX
ISOTX pull up current
ISOTX = 0
-70
-45
-20
µA
5
CIN_ISOTX
ISOTX input
capacitance
Design Info
-
-
5
pF
6
VTH_DOM_ISOK
ISOK Input Receiver
Threshold
ISOTX = 0V
VIN *
0.4
VIN *
0.45
VIN *
0.5
V
7
VTH_REC_ISOK
ISOTX = VDDQ
VIN *
0.5
VIN *
0.55
VIN *
0.6
V
8
VHYS_ISOK
-
VIN *
0.07
VIN *
0.1
VIN *
0.13
V
9
VO_DOM_ISOK ISOK Output Voltage
ISOTX = 0V,
IISOK = 40mA
-
-
1.2
V
10
IOC_ISOK
ISOK Over Current
Detection
-
50
-
100
mA
11
ILIM_ISOK
ISOK Current
Limitation
-
50
-
100
mA
12
ΔILIM_OC_ISOK
Difference between
Current Limitation and
OC Threshold
ILIM_ISOK - IOC_ISOK
0.1
-
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com