Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 268 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 268 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 264Page - STMicroelectronics L9679P Datasheet HTML 265Page - STMicroelectronics L9679P Datasheet HTML 266Page - STMicroelectronics L9679P Datasheet HTML 267Page - STMicroelectronics L9679P Datasheet HTML 268Page - STMicroelectronics L9679P Datasheet HTML 269Page - STMicroelectronics L9679P Datasheet HTML 270Page - STMicroelectronics L9679P Datasheet HTML 271Page - STMicroelectronics L9679P Datasheet HTML 272Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 279 page
background image
Electrical characteristics
L9679P
268/279
DS11627 Rev 7
13
ISINK_ISOK
ISOK sink current
capability
Design Info
40
-
-
mA
14
ILKG_ISOK
ISOK input leakage
current
VIN < 18V, Driver Off (device is
supplied)
-10
-
10
µA
15
VOH_ARM
ISORX output high
voltage
ILOAD = -0.5 mA
VDDQ
-0.60
-
VDDQ
V
16
VOL_ARM
ISORX output low
voltage
ILOAD = 2 mA
0
-
0.4
V
17
CIN
ISOK input capacitance -
-
-
10
pF
18
TJSD_ISOK
Thermal shutdown
-
150
175
190
°C
19
THYS_TSD_ISOK
-
5
10
15
°C
Table 69. ISO9141 interface DC specifications (continued)
N°
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 70. ISO9141 interface transceiver AC specifications
N°
Symbol
Parameter
Conditions
Min Typ Max Unit
1
TFLT_TSD
Thermal shutdown filter
time
-
-
-
10
µs
2
TBLK_ISOK
Current limit fault
blanking time
-
8
-
12
µs
3
TRISE_ISORX
ISORX rise time
80pF load, 20%-80%
-
-
0.5
µs
4
TFALL_ISORX
ISORX fall time
80pF load, 20%-80%
-
-
0.5
µs
5
-
Baud rate
Design Info
-
62.5
-
kBd
6
TPD_ILTX
Propagation delay
transmitter
ISOTX High to Low to ISOK = 70%
* VO_REC_ISOK
RISOK = 510 Ω, CISOK = 470 pF
-
-
1
µs
7
TPD_IHTX
ISOTX Low to High to ISOK = 30%
* VO_DOM_ISOK
RISOK = 510 Ω, CISOK = 470 pF
-
-
1.5
µs
8
TPD_ILRX
Propagation delay
receiver
ISOK = VTH_DOM_ISOK to ISORX
High to Low
RISOK = 510 Ω, CISOK = 470 pF
-
-
1.5
µs
9
TPD_IHRX
ISOK = VTH_REC_ISOK to ISORX
Low to High
RISOK = 510 Ω, CISOK = 470 pF
-
-
1.5
µs
10
TRISE_ISOK
ISOK rise time
30% to 70%
RISOK = 510 Ω, CISOK = 470 pF
-
-
1.5
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com