Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 263 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 263 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 259Page - STMicroelectronics L9679P Datasheet HTML 260Page - STMicroelectronics L9679P Datasheet HTML 261Page - STMicroelectronics L9679P Datasheet HTML 262Page - STMicroelectronics L9679P Datasheet HTML 263Page - STMicroelectronics L9679P Datasheet HTML 264Page - STMicroelectronics L9679P Datasheet HTML 265Page - STMicroelectronics L9679P Datasheet HTML 266Page - STMicroelectronics L9679P Datasheet HTML 267Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 279 page
background image
DS11627 Rev 7
263/279
L9679P
Electrical characteristics
278
6
VOL_ARM
ARMx output low voltage
ILOAD = 2.0 mA
internal safing selected
0
-
0.4
V
7
RPD_ARM
ARMx pull down
resistance
-
65
100
135
kΩ
8
VIH_ARM
ARMx high level input
voltage
-
2
-
-
V
9
VIL_ARM
ARMx low level input
voltage
-
-
-
0.8
V
10 RPD_ARMx, x=1,2,3
ARM1,2,3 pull down
resistor
External safing selected
60
100
140
kΩ
11
VIH_FENL
FENL high level Input
Voltage
-
2
-
-
V
12
VIL_FENL
FENL low level Input
Voltage
-
-
-
0.8
V
13
IPU_ARM4
ARM4 pull up current
ARM4 = 0V
external safing selected
-100
-75
-50
µA
14
VOH_PSINHB
PSINHB output high
voltage
ILOAD = -0.5 mA
Internal safing selected
VCC-0.60
-
VCC
V
15
VOL_PSINHB
PSINHB output low
voltage
ILOAD = 2.0 mA
Internal safing selected
0
-
0.4
V
16
RPD_PSINHB
PSINHB pull down
resistance
-
65
100
135
kΩ
17
VIH_PSINHB
PSINHB high level input
voltage
-
2
-
-
V
18
VIL_PSINHB
PSINHB low level input
voltage
-
-
-
0.8
V
19
VIH_SAF_CSx
SAF_CSx high level input
voltage
-
2
-
-
V
20
VIL_SAF_CSx
SAF_CSx low level input
voltage
-
-
-
0.8
21
IPU_SAF_CSx
SAF_CSx pull up current
SAF_CSx = 0 V to
VIH_SAF_CSx(min)
-70
-45
-20
µA
Table 65. Arming Interface – DC specifications (continued)
No
Symbol
Parameter
Conditions
Min
Typ
Max Unit
Table 66. Arming interface – AC specifications
No
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
1
TARM
Sensor sampling period
-
475
500
525
µs
2
TACL_HI
ACL period time thresholds
-
213
-
237
ms
3
TACL_LO
-
168
-
187
ms
4
TON_ACL_HI
ACL on-time thresholds
-
154
-
171
ms
5
TON_ACL_LO
-
114
-
126
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com