Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX4100-F-ETHERNET Datasheet(PDF) 3 Page - Juniper Networks, Inc.

Part # EX4100-F-ETHERNET
Description  AEX4100-F LINE OF ETHERNET SWITCHES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

EX4100-F-ETHERNET Datasheet(HTML) 3 Page - Juniper Networks, Inc.

  EX4100-F-ETHERNET Datasheet HTML 1Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 2Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 3Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 4Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 5Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 6Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 7Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 8Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 9Page - Juniper Networks, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Virtual Chassis Technology
Juniper’s Virtual Chassis technology allows multiple interconnected
switches to operate as a single, logical unit, enabling users to
manage all platforms as one virtual device. Up to 10 EX4100-F
switches can be interconnected as a Virtual Chassis using 4 x
10GbE SFP+ dedicated front-panel ports. Although configured as
Virtual Chassis ports by default, the 4 x 10GbE SFP+ ports can also
be configured as uplink ports. The EX4100-F switches can form a
Virtual Chassis with any other models within the EX4100-F product
line.
Microsegmentation Using Group-Based Policy
GBP leverages underlying VXLAN technology to provide location-
agnostic endpoint access control. This allows network
administrators to implement consistent security policies across the
enterprise network domains. The EX4100-F supports a standards-
based GBP solution, allowing different levels of access control for
endpoints and applications even within the same VLAN. Customers
can simplify their network configuration by using GBP, avoiding the
need to configure large numbers of firewall filters on all their
switches. GBP can block lateral threats by ensuring consistent
application of security group policies throughout the network,
regardless of the location of endpoints and/or users.
Flow-Based Telemetry
Flow-based telemetry enables flow-level analytics, allowing network
administrators to monitor thousands of traffic flows on the
EX4100-F without burdening the CPU. This improves network
security by monitoring, baselining, and detecting flow anomalies.
For example, if predefined flow thresholds are breached due to an
attack, IP Flow Information Export (IPFIX) alerts can be sent to an
external server to quickly identify the attack. Network
administrators can also automate specific workflows, such as
further examining the traffic or quarantining a port, to triage the
issue. In addition to DOS attacks, Flow-Based Telemetry on
EX4100-F can measure packet delays at ingress, chip, and egress
points as well as report drop reasons.
Features and Benefits
Simplified Operations with Juniper Mist Wired Assurance
The EX4100-F is fully cloud onboarded, provisioned, and managed
by Juniper Mist Wired Assurance. The EX4100-F is designed from
the ground up to deliver the rich telemetry that enables AI for IT
Operations (AIOps) with simplified operations from Day 0 to Day 2
and beyond. Juniper Mist Wired Assurance provides detailed switch
insights for easier troubleshooting and improved time to resolution
by offering the following features:
• Day 0 operations—Onboard switches seamlessly by claiming a
greenfield switch or adopting a brownfield switch with a single
activation code for true plug-and-play simplicity.
• Day 1 operations—Implement a template-based configuration
model for bulk rollouts of traditional and campus fabric
deployments, while retaining the flexibility and control required
to apply custom site- or switch-specific attributes. Automate
provisioning of ports via Dynamic Port Profiles.
• Day 2 operations—Leverage the AI in Juniper Mist Wired
Assurance to meet service-level expectations such as
throughput, successful connects, and switch health with key
pre-and post-connection metrics (see Figure 1). Add the self-
driving capabilities in Marvis Actions to detect loops, add
missing VLANs, fix misconfigured ports, identify bad cables,
isolate flapping ports, and discover persistently failing clients
(see Figure 2). And perform software upgrades easily through
Juniper Mist Cloud.
Figure 2: Juniper Mist Wired Assurance service-level expectations screen
EX4100-F Line of Ethernet Switches Datasheet
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com