Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX4100-F-ETHERNET Datasheet(PDF) 7 Page - Juniper Networks, Inc.

Part # EX4100-F-ETHERNET
Description  AEX4100-F LINE OF ETHERNET SWITCHES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

EX4100-F-ETHERNET Datasheet(HTML) 7 Page - Juniper Networks, Inc.

Back Button EX4100-F-ETHERNET Datasheet HTML 3Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 4Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 5Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 6Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 7Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 8Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 9Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 10Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 11Page - Juniper Networks, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Flex Licensing
Juniper Flex licensing offers a common, simple, and flexible
licensing model for EX Series access switches, enabling customers
to purchase features based on their network and business needs.
Flex licensing is offered in Standard, Advanced, and Premium tiers.
Standard tier features are available with the Junos OS image that
ships with EX Series switches. Additional features can be unlocked
with the purchase of a Flex Advanced or Flex Premium license.
The Flex Advanced and Flex Premium licenses for the EX Series
platforms are class-based, determined by the number of access
ports on the switch. Class 1 (C1) switches have 12 ports, Class 2
(C2) switches have 24 ports, and Class 3 (C3) switches have 32 or
48 ports.
The EX4100-F switches support both subscription and perpetual
Flex licenses. Subscription licenses are offered for three- and five-
year terms. In addition to Junos OS features, the Flex Advanced
and Flex Premium subscription licenses include Juniper Mist Wired
Assurance. Flex Advanced and Flex Premium subscription licenses
also allow portability across the same tier and class of switches,
ensuring investment protection for the customer.
For a complete list of features supported by the Flex Standard,
Advanced, and Premium tiers, or to learn about Junos OS EX Series
licenses, please visit: https://www.juniper.net/
documentation/us/en/software/license/licensing/topics/concept/
flex-licenses-for-ex.html.
Enhanced Limited Lifetime Warranty
The EX4100-F includes an enhanced limited lifetime hardware
warranty that provides return-to-factory switch replacement for as
long as the original purchaser owns the product. The warranty
includes lifetime software updates, advanced shipping of spares
within one business day, and 24x7 Juniper Networks Technical
Assistance Center (JTAC) support for 90 days after the purchase
date. Power supplies and fan trays are covered for a period of five
years. For complete details, please visit https://support.juniper.net/
support/pdf/warranty/990240.pdf
Product Options
Available EX4100-F models are listed in Table 1.
Table 1. EX4100-F Line of Ethernet Switches
Model/Product SKU Access Port Configuration PoE/PoE+ Ports PoE Power Budget 10GbE Ports (Uplinks) 10GbE Ports (Stacking/Uplinks)
Cooling
EX4100-F-12T
12-port 10/100/1000BASE-T
0
N/A
2
4
Fanless
EX4100-F-12P
12-port 10/100/1000BASE-T
12
300 W1
2
4
Fanless
EX4100-F-24T
24-port 10/100/1000BASE-T
0
N/A
4
4
AFO (front-to-back airflow)
EX4100-F-48T
48-port 10/100/1000BASE-T
0
N/A
4
4
AFO (front-to-back airflow)
EX4100-F-24P
24-port 10/100/1000BASE-T
24
370 W
4
4
AFO (front-to-back airflow)
EX4100-F-48P
48-port 10/100/1000BASE-T
48
740 W
4
4
AFO (front-to-back airflow)
1
With external AC power adapter and two uplink ports connected to external 90W PSE. PoE power budget is 180 W with external AC power adapter.
EX4100-F Line of Ethernet Switches Datasheet
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com