Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX4100-F-ETHERNET Datasheet(PDF) 8 Page - Juniper Networks, Inc.

Part # EX4100-F-ETHERNET
Description  AEX4100-F LINE OF ETHERNET SWITCHES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

EX4100-F-ETHERNET Datasheet(HTML) 8 Page - Juniper Networks, Inc.

Back Button EX4100-F-ETHERNET Datasheet HTML 4Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 5Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 6Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 7Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 8Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 9Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 10Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 11Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 12Page - Juniper Networks, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Figure 6: EX4100-F line of Switches
Table 2. EX4100-F Switch Power Options
Model Number Max System Power Consumption (Input
Power without PoE)
Total PoE Power Budget
EX4100-F-12T
55 W
0
EX4100-F-12P
80 W
300 W1
EX4100-F-24T
55 W
0
EX4100-F-24P
80 W
370 W
EX4100-F-48T
70 W
0
EX4100-F-48P
100 W
740 W
1
With external AC power adapter and two uplink ports connected to external 90 W PSE. PoE power budget is 180 W
with external AC power adapter.
EX4100-F Specifications
Physical Specifications
Backplane
• 80 Gbps Virtual Chassis interconnect to combine up to 10
units as a single logical device
Dimensions (W x H x D)
• EX4100-F-48P, EX4100-F-24P with power supply installed:
17.36 x 1.72 x 12.26 in. (44.09 x 4.37 x 31.14 cm)
• EX4100-F-48T, EX4100-F-24T with power supply installed:
17.36 x 1.72 x 10.1 in. (44.09 x 4.37 x 25.65 cm)
• EX4100-F-12P/12T: 10.59 x 1.75 x 9.66 in. (26.9 x 4.45 x
23.83 cm)
• Height: 1 U
System Weight
• EX4100-F-12T: 5.95 lb (2.7 kg)
• EX4100-F-12P: 6.61 lb (3 kg)
• EX4100-F-24T: 7.76 lb (3.52 kg)
• EX4100-F-48T: 8.57 lb (3.89 kg)
• EX4100-F-24P: 10.46 lb (4.75 kg)
• EX4100-F-48P: 11.46 lb (5.2 kg)
• EX4100-F-PWR-75W: 1.65 lb (0.75 kg)
• EX4100-F-PWR-280W: 2.98 lb (1.35 kg)
Environmental Ranges
• Operating temperature:
- 12 Port EX4100-F SKUs:
- 32° to 104° F (0° to 40°C)1,
- 24 Port and -48 Port EX4100-F SKUs:
- 32° to 113° F (0° to 45°C)
• Storage temperature: -40° to 158° F (-40° to 70° C)
• Operating altitude: Up to 5000 ft at 40° C (1828.8 m)
• Nonoperating altitude: Up to 16,000 ft (4,877 m)
• Relative humidity operating: 5% to 90% (noncondensing)
• Relative humidity non-operating: 0% to 90% (noncondensing)
1
To support operating temperature ranges beyond 40° C at altitudes up to 5,000 feet, Industrial grade Optics(850C)
should be used.
Cooling
• Airflow (CFM):
- EX4100-F-12T: 0
- EX4100-F-12P: 0
- EX4100-F-24T: 14.5
- EX4100-F-48T: 15.0
- EX4100-F-24P: 30.0
- EX4100-F-48P: 29.0
Hardware Specifications
Switching Engine Mode
• Store and forward
Memory
• DRAM: 4 GB with Error Correcting Code (ECC) on all models
EX4100-F Line of Ethernet Switches Datasheet
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com