Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX4100-F-ETHERNET Datasheet(PDF) 9 Page - Juniper Networks, Inc.

Part # EX4100-F-ETHERNET
Description  AEX4100-F LINE OF ETHERNET SWITCHES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

EX4100-F-ETHERNET Datasheet(HTML) 9 Page - Juniper Networks, Inc.

Back Button EX4100-F-ETHERNET Datasheet HTML 5Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 6Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 7Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 8Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 9Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 10Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 11Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 12Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 13Page - Juniper Networks, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
• Storage: 8 GB on all models
CPU
• 1.7 GHz ARM CPU on all models
GbE Port Density per System
• EX4100-F-12T/12P: 20 (12 host ports + 2 port RJ45 1GbE/
2GbE/5GbE/10GbE uplinks + 4 port 10GbE SFP+ Virtual
Chassis/uplinks)
• EX4100-F-24T/24P: 24 (24 host ports + 4 port SFP/SFP+
uplinks + 4 port 10GbE SFP+ Virtual Chassis/uplinks)
• EX4100-F-48T/48P: 48 (48 host ports + 4 port SFP/SFP+
uplinks + 4 port 10GbE SFP+ Virtual Chassis/uplinks)
Physical Layer
• Time domain reflectometry (TDR) for detecting cable breaks
and shorts: EX4100-F-24P/T and EX4100-F-48P/T
• Auto medium-dependent interface/medium-dependent
interface crossover (MDI/MDIX) support: EX4100-F-24P/T
and EX4100-F-48P/T
• Port speed downshift/setting maximum advertised speed on
10/100/1000BASE-T ports: EX4100-F-24P/T and EX4100-
F-48P/T only
• Digital optical monitoring for optical ports
Packet Switching Capacities (Maximum with 64 Byte Packets)
• Non-blocking EX4100-F12P/12T: 72 Gbps
(unidirectional)/144 Gbps (bidirectional)
• Non-blocking EX4100-F-24P/24T: 104 Gbps
(unidirectional)/208 Gbps (bidirectional)
• Non-blocking EX4100-F-48P/48T: 128 Gbps
(unidirectional)/256 Gbps (bidirectional)
Software Specifications
Layer 2/Layer 3 Throughput (Mpps) (Maximum with 64 Byte
Packets)
• EX4100-F-12P/T 107 Mpps
• EX4100-F-24P/T 154 Mpps
• EX4100-F-48P/T 190 Mpps
Security
• Media Access Control (MAC) limiting (per port and per VLAN)
• Allowed MAC addresses: 64,000
• Dynamic Address Resolution Protocol (ARP) dynamic ARP
inspection (DAI)
• IP source guard
• Local proxy ARP
• Static ARP support
• Dynamic Host Configuration Protocol (DHCP) snooping
• Captive portal
• Persistent MAC address configurations
• Distributed denial of service (DDoS) protection (CPU control
path flooding protection)
Layer 2 Switching
• Maximum MAC addresses per system: 64,000
• Jumbo frames: 9216 bytes
• Range of possible VLAN IDs: 1 to 4094
• Virtual Spanning Tree (VST) instances: 253
• Port-based VLAN
• Voice VLAN
• Physical port redundancy: Redundant trunk group (RTG)
• Compatible with Per-VLAN Spanning Tree Plus (PVST+)
• Routed VLAN interface (RVI)
• Uplink failure detection (UFD)
• ITU-T G.8032: Ethernet Ring Protection Switching
• IEEE 802.1AB: Link Layer Discovery Protocol (LLDP)
• LLDP-MED with VoIP integration
• Default VLAN and multiple VLAN range support
• MAC learning deactivate
• Persistent MAC learning (sticky MAC)
• MAC notification
• Private VLANs (PVLANs)
• Explicit congestion notification (ECN)
• Layer 2 protocol tunneling (L2PT)
• IEEE 802.1ak: Multiple VLAN Registration Protocol (MVRP)
• IEEE 802.1p: Class of Service (CoS) prioritization
• IEEE 802.1Q: VLAN tagging
• IEEE 802.1X: Port Access Control
• IEEE 802.1ak: Multiple Registration Protocol
• IEEE 802.3: 10BASE-T
• IEEE 802.3u: 100BASE-T
• IEEE 802.3ab: 1000BASE-T
• IEEE 802.3z: 1000BASE-X
• IEEE 802.3ae: 10-Gigabit Ethernet
• IEEE 802.3by: 25-Gigabit Ethernet
• IEEE 802.3af: Power over Ethernet
• IEEE 802.3at: Power over Ethernet Plus
• IEEE 802.3x: Pause Frames/Flow Control
• IEEE 802.3ah: Ethernet in the First Mile
EX4100-F Line of Ethernet Switches Datasheet
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com