Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX4100-F-ETHERNET Datasheet(PDF) 14 Page - Juniper Networks, Inc.

Part # EX4100-F-ETHERNET
Description  AEX4100-F LINE OF ETHERNET SWITCHES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

EX4100-F-ETHERNET Datasheet(HTML) 14 Page - Juniper Networks, Inc.

Back Button EX4100-F-ETHERNET Datasheet HTML 8Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 9Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 10Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 11Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 12Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 13Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 14Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 15Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 16Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Ordering Information
Product
Description
EX4100-F-12T
12-port 10/100/1000BASE-T switch, 2x100Mb/1GbE/2.5GbE/
5GbE/10GbE uplinks, 4x10GbE stacking/uplink ports, with Standard
SW, optics sold separately
EX4100-F-12T-TAA 12-port 10/100/1000BASE-T switch, 2x100Mb/1GbE/2.5GbE/
5GbE/10GbE uplinks, 4x10GbE stacking/uplink ports, with Standard
SW, optics sold separately, TAA-compliant.
EX4100-F-12P
12-port 10/100/1000BASE-T PoE+ switch, 2x100Mb/1GbE/
2.5GbE/5GbE/10GbE uplinks, 4x10GbE stacking/uplink ports, with
Standard SW, optics sold separately
EX4100-F-12P-TAA 12-port 10/100/1000BASE-T PoE+ switch, 2x100Mb/1GbE/
2.5GbE/5GbE/10GbE uplinks, 4x10GbE stacking/uplink ports, with
Standard SW, optics sold separately, TAA-compliant.
EX4100-F-24T
24-port 10/100/1000BASE-T switch, 4x1GbE/10GbE SFP/SFP+
uplinks, 4x10GbE stacking/uplink ports, with Standard SW, optics
sold separately
EX4100-F-24T-TAA 24-port 10/100/1000BASE-T PoE+ switch, 4x1GbE/10GbE SFP/SFP
+ uplinks, 4x10GbE stacking/uplink ports, with Standard SW, optics
sold separately, TAA-compliant.
EX4100-F-24P
24-port 10/100/1000BASE-T PoE+ switch, 4x1GbE/10GbE SFP/SFP
+ uplinks, 4x10GbE stacking/uplink ports, with Standard SW, optics
sold separately, TAA compliant
EX4100-F-24P-TAA 24-port 10/100/1000BASE-T PoE+ switch, 4x1GbE/10GbE SFP/SFP
+ uplinks, 4x10GbE stacking/uplink ports, with Standard SW, optics
sold separately, TAA-compliant.
EX4100-F-48T
48-port 10/100/1000BASE-T switch, 4x1GbE/10GbE SFP/SFP+
uplinks, 4x10GbE stacking/uplink ports, with Standard SW, optics
sold separately
EX4100-F-48T-TAA 48-port 10/100/1000BASE-T switch, 4x1GbE/10GbE SFP/SFP+
uplinks, 4x10GbE stacking/uplink ports, with Standard SW, optics
sold separately, TAA-compliant.
EX4100-F-48P
48-port 10/100/1000BASE-T PoE+ switch, 4x1GbE/10GbE SFP/SFP
+ uplinks, 4x10GbE stacking/uplink ports, with Standard SW, optics
sold separately
EX4100-F-48P-TAA 48-port 10/100/1000BASE-T PoE+ switch, 4x1GbE/10GbE SFP/SFP
+ uplinks, 4x10GbE stacking/uplink ports, with Standard SW, optics
sold separately, TAA-compliant.
Perpetual Licenses
S-EX-A-C1-P
Software, EX Series Advanced license, Class 1 (12 ports), Perpetual
license for EX4100-F 12-port switches
S-EX-P-C1-P
Software, EX Series Premium license, Class 1 (12 ports), Perpetual
license for EX4100-F 12-port switches
S-EX-A-C2-P
Software, EX Series Advanced license, Class 2 (24 ports), Perpetual
license for EX4100-F 24-port switches
S-EX-P-C2-P
Software, EX Series Premium license, Class 2 (24 ports), Perpetual
license for EX4100-F 24-port switches
S-EX-A-C3-P
Software, EX Series Advanced license, Class 3 (32 or 48 ports),
Perpetual license for EX4100-F 48-port switches
S-EX-P-C3-P
Software, EX Series Premium license, Class 3 (32 or 48 ports),
Perpetual license for EX4100-F 48-port switches
S-EX4100-FBT-P
Software, EX Series Flow Based Telemetry license, Perpetual license
for all EX4100-F switches
Subscription Licenses
S-EX-A-C1-1
Software, EX Series Advanced license, Class 1 (12 ports), includes
Juniper Mist Wired Assurance and VNA subscription for EX Series
12-port switches, 1 year
S-EX-A-C1-3
Software, EX Series Advanced license, Class 1 (12 ports), includes
Juniper Mist Wired Assurance and VNA subscription for EX Series
12-port switches, 3 year
S-EX-A-C1-5
Software, EX Series Advanced license, Class 1 (12 ports), includes
Juniper Mist Wired Assurance and VNA subscription for EX Series
12-port switches, 5 year
S-EX-A-C2-1
Software, EX Series Advanced license, Class 2 (24 ports), includes
Juniper Mist Wired Assurance and VNA subscription for EX Series
24-port switches, 1 year
Product
Description
S-EX-A-C2-3
Software, EX Series Advanced license, Class 2 (24 ports), includes
Juniper Mist Wired Assurance and VNA subscription for EX Series
24-port switches, 3 year
S-EX-A-C2-5
Software, EX Series Advanced license, Class 2 (24 ports), includes
Juniper Mist Wired Assurance and VNA subscription for EX Series
24-port switches, 5 year
S-EX-A-C1-1-ND
Software, EX Series Advanced license, Class 1 (12 ports), includes
Juniper Mist Wired Assurance and VNA subscription for EX Series
12-port switches with SVC NEXT DAY support, 1 year
S-EX-A-C1-3-ND
Software, EX Series Advanced license, Class 1 (12 ports), includes
Juniper Mist Wired Assurance and VNA subscription for EX Series
12-port switches with SVC NEXT DAY support, 3 year
S-EX-A-C1-5-ND
Software, EX Series Advanced license, Class 1 (12 ports), includes
Juniper Mist Wired Assurance and VNA subscription for EX Series
12-port switches with SVC NEXT DAY support, 5 year
S-EX-P-C1-1-ND
Software, EX Series Premium license, Class 1 (12 ports), includes
Juniper Mist Wired Assurance and VNA subscription for EX Series
12-port switches with SVC NEXT DAY support, 1 year
S-EX-P-C1-3-ND
Software, EX Series Premium license, Class 1 (12 ports), includes
Juniper Mist Wired Assurance and VNA subscription for EX Series
12-port switches with SVC NEXT DAY support, 3 year
S-EX-P-C1-5-ND
Software, EX Series Premium license, Class 1 (12 ports), includes
Juniper Mist Wired Assurance and VNA subscription for EX Series
12-port switches with SVC NEXT DAY support, 5 year
S-EX-A-C2-1-ND
Software, EX Series Advanced license, Class 2 (24 ports), includes
Juniper Mist Wired Assurance and VNA subscription for EX Series
24-port switches with SVC NEXT DAY support, 1 year
S-EX-A-C2-3-ND
Software, EX Series Advanced license, Class 2 (24 ports), includes
Juniper Mist Wired Assurance and VNA subscription for EX Series
24-port switches with SVC NEXT DAY support, 3 year
S-EX-A-C2-5-ND
Software, EX Series Advanced license, Class 2 (24 ports), includes
Juniper Mist Wired Assurance and VNA subscription for EX Series
24-port switches with SVC NEXT DAY support, 5 year
S-EX-P-C2-1-ND
Software, EX Series Premium license, Class 2 (24 ports), includes
Juniper Mist Wired Assurance and VNA subscription for EX Series
24-port switches with SVC NEXT DAY support, 1 year
S-EX-P-C2-3-ND
Software, EX Series Premium license, Class 2 (24 ports), includes
Juniper Mist Wired Assurance and VNA subscription for EX Series
24-port switches with SVC NEXT DAY support, 3 year
S-EX-P-C2-5-ND
Software, EX Series Premium license, Class 2 (24 ports), includes
Juniper Mist Wired Assurance and VNA subscription for EX Series
24-port switches with SVC NEXT DAY support, 5 year
S-EX-A-C3-1-ND
Software, EX Series Advanced license, Class 3 (32 or 48 ports),
includes Juniper Mist Wired Assurance and VNA subscription for EX
Series 48-port switches with SVC NEXT DAY support, 1 year
S-EX-A-C3-3-ND
Software, EX Series Advanced license, Class 3 (32 or 48 ports),
includes Juniper Mist Wired Assurance and VNA subscription for EX
Series 48-port switches with SVC NEXT DAY support, 3 year
S-EX-A-C3-5-ND
Software, EX Series Advanced license, Class 3 (32 or 48 ports),
includes Juniper Mist Wired Assurance and VNA subscription for EX
Series 48-port switches with SVC NEXT DAY support, 5 year
S-EX-P-C3-1-ND
Software, EX Series Premium license, Class 3 (32 or 48 ports),
includes Juniper Mist Wired Assurance and VNA subscription for EX
Series 48-port switches with SVC NEXT DAY support, 1 year
S-EX-P-C3-3-ND
Software, EX Series Premium license, Class 3 (32 or 48 ports),
includes Juniper Mist Wired Assurance and VNA subscription for EX
Series 48-port switches with SVC NEXT DAY support, 3 year
S-EX-P-C3-5-ND
Software, EX Series Premium license, Class 3 (32 or 48 ports),
includes Juniper Mist Wired Assurance and VNA subscription for EX
Series 48-port switches with SVC NEXT DAY support, 5 year
S-EX-P-C2-1
Software, EX Series Premium license, Class 2 (24 ports), includes
Juniper Mist Wired Assurance and VNA subscription for EX Series
24-port switches, 1 year
S-EX-P-C2-3
Software, EX Series Premium license, Class 2 (24 ports), includes
Juniper Mist Wired Assurance and VNA subscription for EX Series
24-port switches, 3 year
EX4100-F Line of Ethernet Switches Datasheet
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com