Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX4100-F-ETHERNET Datasheet(PDF) 11 Page - Juniper Networks, Inc.

Part # EX4100-F-ETHERNET
Description  AEX4100-F LINE OF ETHERNET SWITCHES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

EX4100-F-ETHERNET Datasheet(HTML) 11 Page - Juniper Networks, Inc.

Back Button EX4100-F-ETHERNET Datasheet HTML 7Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 8Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 9Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 10Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 11Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 12Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 13Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 14Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 15Page - Juniper Networks, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
• Ingress policing: 1 rate 2 color
• Hardware queues per port: 12 (8 unicast + 4 multicast)
• Scheduling methods (egress): Strict priority (SP), weighted
deficit round-robin (WDRR)
• 802.1p, DiffServ code point (DSCP)/IP precedence trust and
marking
• L2-L4 classification criteria: Interface, MAC address, Ethertype,
802.1p, VLAN, IP address, DSCP/IP precedence, TCP/UDP
port numbers, and more
• Congestion avoidance capabilities: Tail drop, weighted random
early detection (WRED)
Multicast
• IGMP: v1, v2, v3
• IGMP snooping
• Multicast Listener Discovery (MLD) snooping
• Protocol Independent Multicast-Sparse Mode (PIM-SM), PIM
Source-Specific Mode (PIM-SSM), PIM Dense Mode (PIM-DM)
Management and Analytics Platforms
• Juniper Mist Wired Assurance for campus
• Junos Space® Network Director for campus
• Junos Space Management Applications
Device Management and Operations
• Junos OS CLI
• Out-of-band management: Serial; 10/100/1000BASE-T
Ethernet
• Rescue configuration
• Configuration rollback
• Image rollback
• RMON (RFC2819) groups 1, 2, 3, 9
• Remote performance monitoring
• SNMP: v1, v2c, v3
• Network Time Protocol (NTP)
• DHCP server
• DHCP client and DHCP proxy
• DHCP relay and helper
• DHCP local server support
• RADIUS
• TACACS+
• SSHv2
• Secure copy
• HTTP/HTTPs
• Domain Name System (DNS) resolver
• System logging
• Temperature sensor
• Configuration backup via FTP/secure copy
Supported RFCs
• RFC 768 UDP
• RFC 783 TFTP
• RFC 791 IP
• RFC 792 ICMP
• RFC 793 TCP
• RFC 826 ARP
• RFC 854 Telnet client and server
• RFC 894 IP over Ethernet
• RFC 903 RARP
• RFC 906 TFTP Bootstrap
• RFC 951, 1542 BootP
• RFC 1027 Proxy ARP
• RFC 1058 RIP v1
• RFC 1112 IGMP v1
• RFC 1122 Host Requirements
• RFC 1195 Use of OSI IS-IS for Routing in TCP/IP and Dual
Environments (TCP/IP transport only)
• RFC 1256 IPv4 ICMP Router Discovery (IRDP)
• RFC 1492 TACACS+RFC 1519 CIDR
• RFC 1587 OSPF NSSA Option
• RFC 1591 DNS
• RFC 1812 Requirements for IPv4 Routers
• RFC 1981 Path MTU Discovery for IPv6
• RFC 2030 SNTP, Simple Network Time Protocol
• RFC 2068 HTTP server
• RFC 2080 RIPng for IPv6
• RFC 2131 BOOTP/DHCP relay agent and DHCP server
• RFC 2138 RADIUS Authentication
• RFC 2139 RADIUS Accounting
• RFC 2154 OSPF w/Digital Signatures (password, MD-5)
• RFC 2236 IGMP v2
• RFC 2267 Network Ingress Filtering
• RFC 2328 OSPF v2 (edge-mode)
• RFC 2338 VRRP
• RFC 2362 PIM-SM (edge-mode)
• RFC 2370 OSPF Opaque LSA Option
• RFC 2453 RIP v2
• RFC 2460 Internet Protocol, Version 6 (IPv6) Specification
• RFC 2461 Neighbor Discovery for IP Version 6 (IPv6)
• RFC 2463 Internet Control Message Protocol (ICMPv6) for the
Internet Protocol Version 6 (IPv6) Specification
• RFC 2464 Transmission of IPv6 Packets over Ethernet
Networks
• RFC 2474 DiffServ Precedence, including 12 queues/port
• RFC 2475 DiffServ Core and Edge Router Functions
EX4100-F Line of Ethernet Switches Datasheet
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com