Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX4100-F-ETHERNET Datasheet(PDF) 1 Page - Juniper Networks, Inc.

Part # EX4100-F-ETHERNET
Description  AEX4100-F LINE OF ETHERNET SWITCHES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

EX4100-F-ETHERNET Datasheet(HTML) 1 Page - Juniper Networks, Inc.

  EX4100-F-ETHERNET Datasheet HTML 1Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 2Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 3Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 4Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 5Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 6Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 7Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 8Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 9Page - Juniper Networks, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
EX4100-F LINE OF ETHERNET
SWITCHES DATASHEET
Product Description
The Juniper Networks® EX4100-F line of Switches offers a secure, cloud-ready portfolio of
access switches ideal for enterprise branch, remote office, and enterprise campus networks.
The EX4100-F switches combine the simplicity of the cloud, the power of Mist AI™ , and a
robust hardware foundation with high performance to deliver a differentiated approach to
access switching in the cloud, mobile, and IoT era. With Juniper® Mist™ Wired Assurance,
the EX4100-F line of Switches can be effortlessly onboarded, configured, and managed
from the cloud. This simplifies operations, improves visibility, and ensures a much better
experience for connected devices.
Key features of the EX4100-F include:
• Cloud-ready, driven by Mist AI with Juniper Mist Wired Assurance and Marvis Virtual
Network Assistant
• Ethernet VPN–Virtual Extensible LAN (EVPN-VXLAN) to the access layer
• Standards-based microsegmentation using group-based policies (GBPs)
• Flow-based telemetry to monitor traffic flows for anomaly detection, ability to
measure packet delays and report drop reasons
• 10-member Virtual Chassis support
Offering a full suite of Layer 2 and Layer 3 capabilities, the EX4100-F enables multiple
deployments. As scaling requirements increase, Juniper’s Virtual Chassis technology allows
up to 10 EX4100-F switches to be seamlessly interconnected and managed as a single
device, delivering a scalable, pay-as-you-grow solution for expanding network
environments.
The EX4100-F line consists of the following models:
• The EX4100-F-12T, which is a compact, fanless switch offering 12 x 1GbE non-PoE
access ports.
• The EX4100-F-12P, which is a compact, fanless switch offering 12 x 1GbE Power over
Ethernet Plus (PoE+) access ports and delivering up to 30 W per port with a total of
180 W of PoE power budget with an external power adapter. EX4100-F-12P can also
be powered from an external 90 W power sourcing equipment (PSE) device
connected via the uplink port. Additional 90 W of PoE budget is available if the
second uplink port is connected to a PSE device. With external power adapter and the
two uplink ports connected to 90 W external PSE, total PoE power budget supported
is up to 300 W.
• The EX4100-F-24T, which offers 24 x 1GbE non-PoE access ports.
• The EX4100-F-24P, which offers 24 x 1GbE PoE+ access ports, delivering up to 30 W
per port with an overall total 370 W of PoE power budget.
• The EX4100-F-48T, which offers 48 x 1GbE non-PoE access ports.
• The EX4100-F-48P, which offers 48 x 1GbE PoE+ access ports and delivers up to 30
W per port with an overall total PoE Power budget of 740 W.
Datasheet
1
Product Overview
The EX4100-F line of Ethernet
access switches offers a secure,
cloud-ready, economical
solution for access layer
deployments in branch and
remote offices, as well as
enterprise campus networks.
These platforms boost network
performance and visibility,
meeting the security demands of
today—as well as for networks
of the next decade.
As part of the underlying
infrastructure for Juniper Mist
Wired Assurance, the EX4100-F
is purpose-built for, and
managed by, the cloud. The
switches leverage Mist AI to
simplify operations and provide
better visibility into the
experience of connected
devices, delivering a refreshing,
experience-first approach to
access layer switching.


Similar Part No. - EX4100-F-ETHERNET

ManufacturerPart #DatasheetDescription
logo
Juniper Networks, Inc.
EX4100-24MP JUNIPER-EX4100-24MP Datasheet
822Kb / 17P
EX4100 LINE OF ETHERNET SWITCHES
EX4100-24MP-TAA JUNIPER-EX4100-24MP-TAA Datasheet
822Kb / 17P
EX4100 LINE OF ETHERNET SWITCHES
EX4100-24P JUNIPER-EX4100-24P Datasheet
822Kb / 17P
EX4100 LINE OF ETHERNET SWITCHES
EX4100-24P-TAA JUNIPER-EX4100-24P-TAA Datasheet
822Kb / 17P
EX4100 LINE OF ETHERNET SWITCHES
EX4100-24T JUNIPER-EX4100-24T Datasheet
822Kb / 17P
EX4100 LINE OF ETHERNET SWITCHES
More results

Similar Description - EX4100-F-ETHERNET

ManufacturerPart #DatasheetDescription
logo
C&K Components
21125 CK-COMPONENTS-21125 Datasheet
440Kb / 10P
F Series Pushbutton Switches
logo
Red Lion Controls. Inc
SLX-6ES-4SC REDLION-SLX-6ES-4SC Datasheet
488Kb / 2P
Unmanaged Industrial Ethernet Switches
SLX-5MS REDLION-SLX-5MS Datasheet
388Kb / 3P
Managed Fast Ethernet Switches
SLX-5ES-1 REDLION-SLX-5ES-1 Datasheet
934Kb / 2P
Unmanaged Ethernet Switches
logo
Omron Electronics LLC
V640 OMRON-V640 Datasheet
1Mb / 12P
Line-up Ethernet I/F model newly.
logo
Microsemi Corporation
VSC7438-02 MICROSEMI-VSC7438-02 Datasheet
9Mb / 603P
Family of Carrier Ethernet Switches
logo
Moxa Inc.
EDS-305 MOXA-EDS-305 Datasheet
794Kb / 5P
5-port unmanaged Ethernet switches
EDS-308 MOXA-EDS-308 Datasheet
830Kb / 5P
8-port unmanaged Ethernet switches
PT-G7509 MOXA-PT-G7509 Datasheet
704Kb / 6P
Gigabit managed rackmount Ethernet switches
logo
Microchip Technology
SPARX-5 MICROCHIP-SPARX-5 Datasheet
4Mb / 604P
SparX-5 Family of L2/L3 Enterprise 10G Ethernet Switches
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com