Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX4100-F-ETHERNET Datasheet(PDF) 6 Page - Juniper Networks, Inc.

Part # EX4100-F-ETHERNET
Description  AEX4100-F LINE OF ETHERNET SWITCHES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

EX4100-F-ETHERNET Datasheet(HTML) 6 Page - Juniper Networks, Inc.

Back Button EX4100-F-ETHERNET Datasheet HTML 2Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 3Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 4Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 5Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 6Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 7Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 8Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 9Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 10Page - Juniper Networks, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
When more than two switches are interconnected in a Virtual
Chassis configuration, the remaining switch elements act as line
cards and are available to assume the backup RE position should
the designated primary RE fail. Primary, backup, and line card
priority status can be assigned to dictate the order of ascension;
this N+1 RE redundancy, coupled with the GRES, nonstop active
routing (NSR), and nonstop bridging (NSB) capabilities of Junos OS,
assures a smooth transfer of control plane functions following
unexpected failures.
The EX4100-F implements the same slot/module/port numbering
schema as other Juniper chassis-based products when numbering
Virtual Chassis ports, providing true chassis-like operations. By
using a consistent operating system and a single configuration file,
all switches in a Virtual Chassis configuration are treated as a single
device, greatly simplifying overall system maintenance and
management.
Individually, the EX4100-F offers a number of HA features that are
typically associated with modular chassis-based switches. When
combined with the field-proven Junos OS and L2/L3 failover
capabilities, these features provide the EX4100-F with true carrier-
class reliability.
• Nonstop bridging and nonstop active routing: NSB and NSR
on the EX4100-F ensure that control plane protocols, states,
and tables are synchronized between primary and standby REs
to prevent protocol flaps or convergence issues following an
RE failover.
• Redundant trunk group (RTG): To avoid the complexities of
STP without sacrificing network resiliency, the EX4100-F
employs redundant trunk groups to provide the necessary port
redundancy and simplify switch configuration.
• Cross-member link aggregation: Cross-member link
aggregation allows redundant link aggregation connections
between devices in a single Virtual Chassis configuration,
providing an additional level of reliability and availability.
• IPv4 and IPv6 routing support: IPv4 and IPv6 Layer 3 routing
(OSPF and BGP) is available with a Flex license, enabling highly
resilient networks.
PoE/PoE+ Power, Perpetual and Fast PoE
The EX4100-F delivers PoE for supporting connected devices such
as phones, surveillance cameras, IoT devices, and 802.11AX/Wi-Fi
6 access points, offering a PoE power budget of up to 740 W and
supporting up to 30 W per port based on the IEEE 802.3at PoE
standard.
EX4100-F switches support perpetual PoE, which provides
uninterrupted power to connected PoE powered devices (PDs)
even when the power sourcing equipment switch (PSE) is
rebooting.
The EX4100-F switches also support a Fast PoE capability
that delivers PoE power to connected endpoints during a switch
power-up, even before the switch is fully operational. This is
especially beneficial in situations where the endpoint only needs
the power and is not necessarily dependent on network
connectivity.
Junos Telemetry Interface
The EX4100-F supports Junos telemetry interface (JTI), a modern
telemetry streaming feature designed for switch health and
performance monitoring. Sensor data can be streamed to a
management system at configurable periodic intervals, enabling
network administrators to monitor individual link and node
utilization as well as troubleshoot issues such as network
congestion in real time. JTI delivers the following features:
• Performance management by provisioning sensors to collect
and stream data and analyze application and workload flow
paths through the network
• Capacity planning and optimization by proactively detecting
hotspots and monitoring latency and microbursts
• Troubleshooting and root cause analysis via high-frequency
monitoring and correlation of overlay and underlay networks
Junos Operating System
The EX4100-F switches run Junos OS, Juniper’s powerful and
robust network operating system that powers all Juniper switches,
routers, and firewalls. By utilizing a common operating system,
Juniper delivers a consistent implementation and operation of
control plane features across all products. To maintain that
consistency, Junos OS adheres to a highly disciplined development
process that uses a single source code and employs a highly
available modular architecture to prevent isolated failures from
bringing down an entire system.
These attributes are fundamental to the core value of the software,
enabling all Junos OS-powered products to be updated
simultaneously with the same software release. All features are fully
regression tested, making each new release a true superset of the
previous version. Customers can deploy the software with
complete confidence that all existing capabilities are maintained and
operate in the same way.
EX4100-F Line of Ethernet Switches Datasheet
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com