Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX4100-F-ETHERNET Datasheet(PDF) 4 Page - Juniper Networks, Inc.

Part # EX4100-F-ETHERNET
Description  AEX4100-F LINE OF ETHERNET SWITCHES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

EX4100-F-ETHERNET Datasheet(HTML) 4 Page - Juniper Networks, Inc.

  EX4100-F-ETHERNET Datasheet HTML 1Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 2Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 3Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 4Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 5Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 6Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 7Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 8Page - Juniper Networks, Inc. EX4100-F-ETHERNET Datasheet HTML 9Page - Juniper Networks, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Figure 3: Marvis Actions for wired switches
The complementary addition of Marvis Virtual Network Assistant,
driven by Mist AI, lets you start building a Self-Driving Network that
simplifies network operations and streamlines troubleshooting via
automatic fixes for Juniper Networks EX Series Switches or
recommended actions for external systems.
For more information, see Juniper Mist Wired Assurance.
Campus Fabric Deployments
EVPN-VXLAN for Campus Core, Distribution, and Access
The main advantages of EVPN-VXLAN in campus networks are:
• Flexibility of consistent VLANs across the network: Endpoints
can be placed anywhere in the network and remain connected
to the same logical L2 network, enabling a virtual topology to
be decoupled from the physical topology.
• Microsegmentation: The EVPN-VXLAN-based architecture lets
you deploy a common set of policies and services across
campuses with support for L2 and L3VPNs.
• Scalability: With an EVPN control plane, enterprises can scale
out easily by adding more core, aggregation, and access layer
devices as the business grows without having to redesign the
network or perform a forklift upgrade. Using an L3 IP-based
underlay coupled with an EVPN-VXLAN overlay, campus
network operators can deploy much larger and more resilient
networks than would otherwise be possible with traditional L2
Ethernet-based architectures.
Juniper offers complete flexibility in choosing any of the following
validated EVPN-VXLAN campus fabrics that cater to networks of
different sizes, scale, and segmentation requirements:
EVPN multihoming (on collapsed core or distribution): A collapsed
core architecture combines the core and distribution layers into a
single layer, turning the traditional three-tier hierarchal network into
a two-tier network. EVPN Multihoming on a collapsed core
eliminates the need for Spanning Tree Protocol (STP) across campus
networks by providing link aggregation capabilities from the access
layer to the core layer. This topology is best suited for small to
medium distributed enterprise networks and allows for consistent
VLANs across the network. This topology uses ESI (Ethernet
Segment Identifier) LAG (Link Aggregation) and is a standards-based
protocol.
Campus Fabric Core distribution: When EVPN VXLAN is
configured across core and distribution layers, it becomes a campus
Fabric Core Distribution architecture, which can be configured in
two modes: centrally or edge routed bridging overlay. This
architecture provides an opportunity for an administrator to move
towards campus-fabric IP Clos without fork-lift upgrade of all
access switches in the existing network, while bringing in the
advantages of moving to a campus fabric and providing an easy way
to scale out the network.
Campus Fabric IP Clos: When EVPN VXLAN is configured on all
layers including access, it is called the campus fabric IP Clos
architecture. This model is also referred to as “end-to-end,” given
that VXLAN tunnels are terminated at the access layer. Due to the
availability of VXLAN at access, it provides us with the opportunity
to bring policy enforcement to the access layer (closest to the
source) using Group Based Policy (GBP). Standards-based GBP tags
bring the unique option to segment traffic both at a micro and
macro level. GBP tags are assigned dynamically to clients as part of
Radius transaction by Mist Cloud NAC. This topology works for
small-medium and large campus architectures that need macro and
micro segmentation.
EX4100-F Line of Ethernet Switches Datasheet
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com