Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9758 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9758
Description  Automotive multiple supply for engine control
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9758 Datasheet(HTML) 1 Page - STMicroelectronics

  L9758 Datasheet HTML 1Page - STMicroelectronics L9758 Datasheet HTML 2Page - STMicroelectronics L9758 Datasheet HTML 3Page - STMicroelectronics L9758 Datasheet HTML 4Page - STMicroelectronics L9758 Datasheet HTML 5Page - STMicroelectronics L9758 Datasheet HTML 6Page - STMicroelectronics L9758 Datasheet HTML 7Page - STMicroelectronics L9758 Datasheet HTML 8Page - STMicroelectronics L9758 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
This is information on a product in full production.
September 2016
DocID14273 Rev 5
1/30
L9758
Automotive multiple supply for engine control
Datasheet
- production data
Features
 AEC-Q100 qualified
 Buck converter pre-regulated supply rated for a
minimum of 2 A (RMS)
 Optional Boost converter for low battery
conditions
 5 V, 2% @ 1 A, VDD5 low dropout (LDO)
regulator
 Programmable 3.3 V or 2.6 V, 2% @ 1 A, VDDL
LDO regulator with external pass transistor
 Programmable microcontroller core voltage
LDO regulator, VCORE 2% @ 1 A with external
voltage divider and pass transistor
 Programmable 1 V or 1.5 V, 10% @ 10 mA,
standby memory regulator (VKAM)
 Programmable 3.3 V or 2.6 V, 10% @ 10 mA
alternate standby regulator (VSTBY)
 Four 5 V ± 7 mV @ 50 mA protected tracking
regulators, one of them with selectable external
voltage reference.
 Independent reset signals, RST5 and RSTL for
the VDD5, VDDL supplies.
 Independent standby voltage monitor
STANDBY_OK
 Two power supply enable signals for different
voltage level signals
 Battery voltage thresholding - IGN
 Logic level thresholding - PSU_EN
Description
The L9758 is a multiple output voltage regulator
utilizing linear, switchmode (buck and boost) and
tracking regulators to support high end
automotive microcontrollers used in powertrain
applications.
The L9758 provides two standby power
regulators as well as controllable LDO regulators.
The L9758 has power on reset functionality and
controlled slew rate of the VDD5, VDDL and
VCORE.
Table 1. Device summary
Order code
Temperature range
Package
Packing
L9758
-40 °C to +125 °C
PowerSO-36
Tube
E-L9758BBTR
Tape & Reel
www.st.com


Similar Part No. - L9758

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9758 STMICROELECTRONICS-L9758 Datasheet
270Kb / 29P
Multiple supply for engine control
23-Nov-2010
More results

Similar Description - L9758

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9758 STMICROELECTRONICS-L9758 Datasheet
270Kb / 29P
Multiple supply for engine control
23-Nov-2010
logo
Fairchild Semiconductor
FDB86563_F085 FAIRCHILD-FDB86563_F085 Datasheet
474Kb / 6P
Automotive Engine Control
FDBL86361_F085 FAIRCHILD-FDBL86361_F085 Datasheet
401Kb / 6P
Automotive Engine Control
FDBL86363_F085 FAIRCHILD-FDBL86363_F085 Datasheet
407Kb / 6P
Automotive Engine Control
FDBL86366_F085 FAIRCHILD-FDBL86366_F085 Datasheet
408Kb / 6P
Automotive Engine Control
FDBL86561_F085 FAIRCHILD-FDBL86561_F085 Datasheet
405Kb / 6P
Automotive Engine Control
FDBL86563_F085 FAIRCHILD-FDBL86563_F085 Datasheet
492Kb / 6P
Automotive Engine Control
FDD9411_F085 FAIRCHILD-FDD9411_F085 Datasheet
383Kb / 6P
Automotive Engine Control
FDD86367_F085 FAIRCHILD-FDD86367_F085 Datasheet
340Kb / 6P
Automotive Engine Control
FDD86369_F085 FAIRCHILD-FDD86369_F085 Datasheet
462Kb / 6P
Automotive Engine Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com