Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9758 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9758
Description  Automotive multiple supply for engine control
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9758 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9758 Datasheet HTML 12Page - STMicroelectronics L9758 Datasheet HTML 13Page - STMicroelectronics L9758 Datasheet HTML 14Page - STMicroelectronics L9758 Datasheet HTML 15Page - STMicroelectronics L9758 Datasheet HTML 16Page - STMicroelectronics L9758 Datasheet HTML 17Page - STMicroelectronics L9758 Datasheet HTML 18Page - STMicroelectronics L9758 Datasheet HTML 19Page - STMicroelectronics L9758 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Electrical characteristics
L9758
16/30
DocID14273 Rev 5
4.6
VCORE linear regulator
Tamb = -40 °C to 125 °C, VBAT= VBAT_SW = 5.5 to 26.5 V, unless otherwise specified.
VDDL_MAX
Maximum
overshoot
5 mA <IDDL < 1 A, VPROG3 = Open
4.0 V < VBAT_SW < 18 V
ΔVB/Δt < 70 V/ms
5 mA < IDDL < 1 A, VPROG3 = Low
4.0 V < VBAT_SW < 18 V
ΔVB/Δt < 70 V/ms
--
3.75
3.6
V
ΔVDDL/Δt
Output voltage
slew rate at power-
up
5 mA <IDDL < 1 A VBAT_SW =13.5 V
5
-
25
V/ms
IDDL
Load current
-
5
-
1000
mA
VDDLlineR
Line regulation
5.5 V < VBAT_SW < 7 V
-8
-
+8
mV
VDDLloadR
Load regulation
5 mA < IDDL< 1 A
-8
-
+8
mV
Table 11. VDDL linear regulator (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 12. VCORE linear regulator
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VCORE
Output voltage
5 mA < ICORE < 1 A;
4.0 V < VBAT_SW < 18 V
1.47
-
1.53
V
CddL
ESR
Output capacitor
Ceramic or Tantalum
4.70
0
-
100
160
μF
mΩ
RRddL
Ripple rejection
F= 375 kHz
26
-
-
dB
VCORE_M
Maximum
overshoot
5 mA < ICORE < 1 A
4.0 V < VBAT_SW < 18 V
-
-
1.7
V
ΔVCORE/Δt
Output voltage
slew rate at power-
up
5 mA < ICORE < 1 A VBAT_SW=13.5 V
5
-
25
V/ms
ICORE
Load current
-
5
-
1000
mA
VCORE_PROG
Range of
programmability
Using external resistor divider
1.05
1.5
2.8
V
VCORE_FBK
Feedback voltage
-
0.98
-
1.02
V
VCORElineR
Line regulation
5.5 V < VBAT_SW < 7 V
-25
-
+25
mV
VCOREloadR
Load regulation
5 mA < ICORE < 1 A
-25
-
+25
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com