Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9758 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L9758
Description  Automotive multiple supply for engine control
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9758 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L9758 Datasheet HTML 19Page - STMicroelectronics L9758 Datasheet HTML 20Page - STMicroelectronics L9758 Datasheet HTML 21Page - STMicroelectronics L9758 Datasheet HTML 22Page - STMicroelectronics L9758 Datasheet HTML 23Page - STMicroelectronics L9758 Datasheet HTML 24Page - STMicroelectronics L9758 Datasheet HTML 25Page - STMicroelectronics L9758 Datasheet HTML 26Page - STMicroelectronics L9758 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
DocID14273 Rev 5
23/30
L9758
Functional description
29
5.6
RESET monitors
RST5 is the reset signal tied to the VDD5 supply. This is an open collector active low signal
that pulls low when VDD5 is out of range.
RSTL is the reset signal for the VDDL supply. This is an open collector active low signal that
pulls low when VDDL is out of range. RST5 and RSTL are also driven low when STBY_OK
pin is driven low, regardless of the status of VDD5 and VDDL.
Reset Delay is the time duration from when the output (VDD5 or VDDL) is within range to
when the reset pin (RST5 or RSTL) is released. RST5 and RSTL use separate timers. This
delay is programmable via an external resistor connected to RST_TIM pin. A value of
4.7 kΩ corresponds to 1 ms and 47 kΩ to 10 ms. All values in between are linear
approximated. The timer delay is common however the attack and release times are only
dependant on the condition of the respective supplies (VDD5 or VDDL).
5.7
Thermal protection
The tracking regulators incorporate thermal limit with shutdown. When the junction
temperature reaches the shutdown threshold, if there is a tracking regulator in current
limitation, it switches off and all the other regulators stay on. When the temperature
decreases the regulator restarts. The over temperature shutdown has a hysteresis to avoid
thermal pumping.
5.8
Reference current
The L9758 provides a DC voltage at the REXT pin. An external resistor to ground creates a
reference current which is mirrored internally for use in the device.
The reference current is used to supply all the analog blocks and to charge and discharge
an integrated capacitor to generate a 5 MHz clock for the switching functionality.
Figure 3. Current reference generator
The circuit is designed for a 10 kΩ resistor. For all affected parameters, this resistor value is
mentioned in the electrical characteristics section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com