Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9758 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9758
Description  Automotive multiple supply for engine control
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9758 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9758 Datasheet HTML 7Page - STMicroelectronics L9758 Datasheet HTML 8Page - STMicroelectronics L9758 Datasheet HTML 9Page - STMicroelectronics L9758 Datasheet HTML 10Page - STMicroelectronics L9758 Datasheet HTML 11Page - STMicroelectronics L9758 Datasheet HTML 12Page - STMicroelectronics L9758 Datasheet HTML 13Page - STMicroelectronics L9758 Datasheet HTML 14Page - STMicroelectronics L9758 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
DocID14273 Rev 5
11/30
L9758
Operating conditions
29
3.2
Operating ranges
Full specification parameters cannot be guaranteed outside the operating ranges. Once the
condition has returned within the specified operating ranges, the part will recover with no
damage or degradation.
3.3
Thermal data
Table 5. Operating ranges
Symbol
Parameter
Value
Unit
VBAT, VBAT_SW,
VBAT_S
Battery supply voltage
4 to 26.5
V
4 to 40
(t < 400 ms)
VIGN
Ignition input voltage (with at least 10K external
resistance)
4 to 26.5
V
VI-digital
Digital input voltages (PSU_EN,VS_EN,VPROG1,
VPROG2, VPROG3, VDDL/VCORE_EN, REF_SEL)
-0.3 to 5.3
V
VI-analog
Analog input voltages (REXT, TRACK_REF,
RST_TIM VDDL_FDBK, VCORE_FDBK)
-0.3 to 5.3
V
IAVE
Switching preregulator average current
0 to 2.5
A
Top
Operating temperature
-40 to 125
°C
Tj
Junction temperature
-40 to 150
°C
Table 6. Thermal data
Symbol
Parameter
Value
Unit
Rth(j-case)
Thermal resistance junction-to-case
2
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com