Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9758 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9758
Description  Automotive multiple supply for engine control
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9758 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9758 Datasheet HTML 6Page - STMicroelectronics L9758 Datasheet HTML 7Page - STMicroelectronics L9758 Datasheet HTML 8Page - STMicroelectronics L9758 Datasheet HTML 9Page - STMicroelectronics L9758 Datasheet HTML 10Page - STMicroelectronics L9758 Datasheet HTML 11Page - STMicroelectronics L9758 Datasheet HTML 12Page - STMicroelectronics L9758 Datasheet HTML 13Page - STMicroelectronics L9758 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Operating conditions
L9758
10/30
DocID14273 Rev 5
3
Operating conditions
3.1
Absolute maximum ratings
This part may be irreparably damaged if taken outside the specified absolute maximum ratings.
Operation above the absolute maximum ratings may also cause a decrease in reliability.
Warning:
Exceeding these values might destroy this part. This part is
not guaranteed to function properly at these ratings.
The CMOS inputs and outputs should never go above 5 V +
0.3 V or below GND - 0.3 V without protection (series
resistance). If this occurs, the device might be destroyed by
latch-up and/or the output levels might not be controlled by
the inputs. Unused inputs must be connected to GND and
unused outputs should be left open and programmed to a low
state. Unused I/O pins should be programmed as outputs, left
open, and programmed to a low state.
Table 4. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VBAT,
VBAT_SW,
VBAT_S
Battery supply voltage
-0.3 to 40
V
VIGN
Ignition input voltage (with at least 10K external resistance)
-2.0 to 40
V
VI-digital
Digital input voltages (PSU_EN, VS_EN, VPROG1, VPROG2,
VPROG3, VDDL/VCORE_EN, REF_SEL)
-0.3 to 7
V
VI-analog
Analog input voltages (REXT, TRACK_REF, RST_TIM
VDDL_FDBK, VCORE_FDBK)
-0.3 to 7
V
VB
Linear regulator supply (VB)
-0.3 to 40
V
VFDBK
Switching feedback (FDBK)
-0.3 to 40
V
VSW
Buck regulator switch output (SW)
-2 to 40
V
VO-digital
Digital output voltages (IGN_ON, RSTL, RST5, BOOST,
STBY_OK)
-0.3 to 7
V
VOR
Regulator output voltages (VDD5, VSTBY, VKAM)
-0.3 to 7
V
VVSx
Regulator output voltages (VSA, VSB, VSC, VSD)
-3 to 40
V
VCORE_DRV,
VDDL_DRV
External regulator predriver output (VCORE_DRV, VDDL_DRV)
-0.3 to 15
V
ISMPS
Switching preregulator current
0 to 4.2
A
Top
Operating temperature
-40 to 125
°C
Tstg
Storage temperature
-50 to 150
°C
Tj
Max junction temperature
150
°C
VESD
Max ESD (human body model)
±2
KV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com