Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9758 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L9758
Description  Automotive multiple supply for engine control
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9758 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L9758 Datasheet HTML 15Page - STMicroelectronics L9758 Datasheet HTML 16Page - STMicroelectronics L9758 Datasheet HTML 17Page - STMicroelectronics L9758 Datasheet HTML 18Page - STMicroelectronics L9758 Datasheet HTML 19Page - STMicroelectronics L9758 Datasheet HTML 20Page - STMicroelectronics L9758 Datasheet HTML 21Page - STMicroelectronics L9758 Datasheet HTML 22Page - STMicroelectronics L9758 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
DocID14273 Rev 5
19/30
L9758
Electrical characteristics
29
4.11
IGN and PSU_EN inputs
Tamb = -40 °C to 125 °C, VBAT = VBAT_SW = 5.5 to 26.5 V, unless otherwise specified.
Table 17. RSTL reset signals
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
IRSTL_H
Reset “high”
leakage current
VDDL= 5.15 V
-3.0
-
-
μA
VRSTL_L
Reset “low” output
voltage
VDDL=5.0V Ire=5mA
VDDL=1.0V Ire=1mA
--
0.4
0.4
V
VFTH_RSTL
Reset threshold
decreasing
ΔVDDL/Δt < 0, VPROG3=Low
2.375
-
VDDL–
0.05
V
VRTH_RSTL
Reset threshold
increasing
ΔVDDL/Δt < 0, VPROG3=Low
2.375
-
VDDL–
0.02
V
VFTH_RSTL_O
Reset threshold
decreasing
ΔVDDL/Δt < 0, VPROG3=Open
3.13
-
VDDL–
0.05
V
VRTH_RSTL_O
Reset threshold
increasing
ΔVDDL/Δt < 0, VPROG3=Open
3.13
-
VDDL–
0.02
V
VHY_RSTL
Reset threshold
hysteresis
-40
-
-
mV
tACT_RSTL
Reset activation out
of tolerance duration
-15
-
25
μs
tDEL_RSTL
Reset delay
1nF < CEXT< 10nF; 4.7kΩ < Rext < 47kΩ
1
-
10
ms
tERR_RSTL
Reset delay
accuracy
Rext ±1%
-15
-
+15
%
Table 18. IGN and PSU_EN inputs
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VTH_IGN
IGN input threshold
threshold @ IGN pin
2
-
3.6
V
VHYS_IGN
IGN input threshold
hysteresis
-
0.2
-
1.4
V
RPD_IGN
IGN pull-down resistor
-
300
-
1100
kΩ
VTH_PSUEN
PSU_EN input threshold
-
0.9
-
0.55*
VSTBY
V
VHYS_PSUEN
PSU_EN input threshold
hysteresis
-
0.2
-
0.8
V
RPD_PSUEN
PSU pull-down resistor
-
50
-
230
kΩ
VOL_IGNON
IGN_ON “low” output
voltage
Iol=1mA
0.4
V
RIGN_EXT
IGN external input
resistance
10
50
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com