Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9758 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L9758
Description  Automotive multiple supply for engine control
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9758 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L9758 Datasheet HTML 22Page - STMicroelectronics L9758 Datasheet HTML 23Page - STMicroelectronics L9758 Datasheet HTML 24Page - STMicroelectronics L9758 Datasheet HTML 25Page - STMicroelectronics L9758 Datasheet HTML 26Page - STMicroelectronics L9758 Datasheet HTML 27Page - STMicroelectronics L9758 Datasheet HTML 28Page - STMicroelectronics L9758 Datasheet HTML 29Page - STMicroelectronics L9758 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
Operating modes
L9758
26/30
DocID14273 Rev 5
6.4
Low voltage operation
When L9758 is up and running it is fully operational with the VBAT and VBAT_SW pin
voltages down to VLVI_LOW. When L9758 is up and running and the supply voltages are less
than 5.5 V and are grater than or equal to VLVI_LOW if the boost option is used the device is
fully operational. If only the buck regulator is used the L9758 operates as follows:
Switching regulator runs at 100% duty cycle;
VKAM and VSTBY regulators are fully operational;
VDDL fully operational;
VCORE fully operational;
VDD5 out of range with output voltage no less than 3.2 V;
Tracking regulators out of range with output voltages no less than 3.2 V;
Reset monitor RST5 and RSTL fully operational, with reset at RST5 pin is allowed.
6.5
High voltage operation
The L9758 is fully operational during jump start when the battery is temporarily replaced
with a higher voltage source to aid starting the engine (26.5 V for 1 minute). The L9758 is
fully operational during positive battery transient such as load dump (40 V maximum voltage
with durations of up to 400 ms).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com