Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9758 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L9758
Description  Automotive multiple supply for engine control
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9758 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L9758 Datasheet HTML 14Page - STMicroelectronics L9758 Datasheet HTML 15Page - STMicroelectronics L9758 Datasheet HTML 16Page - STMicroelectronics L9758 Datasheet HTML 17Page - STMicroelectronics L9758 Datasheet HTML 18Page - STMicroelectronics L9758 Datasheet HTML 19Page - STMicroelectronics L9758 Datasheet HTML 20Page - STMicroelectronics L9758 Datasheet HTML 21Page - STMicroelectronics L9758 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Electrical characteristics
L9758
18/30
DocID14273 Rev 5
4.9
VSA, VSB, VSC, VSD tracking linear regulator
Tamb = -40 °C to 125 °C, VBAT= VBAT_SW = 5.5 to 26.5 V, unless otherwise specified.
4.10
RST5 and RSTL reset signals
Tamb = -40 °C to 125 °C, VBAT = VBAT_SW = 5.5 to 26.5 V, unless otherwise specified.
Table 15. VSA, VSB, VSC, VSD tracking linear regulator
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
ΔVTRK
Output voltage
tracking accuracy
1 mA < It1 < 50 mA, 6 V < VBAT_SW < 18 V
1 mA < It1 < 5 0mA, 4 V < VBAT_SW < 6 V
-7
-50
-
10
50
mV
ITRKsh
Current limit
Vtck = 4.75 V
51
-
100
mA
CTRK
ESR
Output load capacitor Ceramic or Tantalum
1
0
-
16
3
μF
mΩ
Ctckmin
ESRmin
Minimum output
capacitor for stability
Ceramic or Tantalum
1
0
-
3
μF
Ω
RRTRK
Ripple rejection
F= 375 kHz
26
-
-
dB
Vdrop
Dropout voltage
Iload = 50 mA
-
-
300
mV
TTSD
Thermal shutdown
Vtck = 4.75 V (current limitation)
165
-
185
°C
THYST
Thermal hysteresis
Vtck = 4.75 V (current limitation)
5
-
15
°C
ITRK
Load current
-
1
-
50
mA
Table 16. RST5 reset signals
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
IRST5_H
Reset “high” leakage
current
VRST5 = 5.15 V
-3.0
-
-
μA
VRST5_L
Reset “low” output
voltage
VDD5 = 4.5 V Ire = 5 mA
VDD5 = 1.0 V Ire = 1 mA
--
0.4
0.4
V
VFTH_RST5
Reset threshold
decreasing
ΔVDD5/Δt < 0
4.5
-
VDD5–
0.2
V
VRTH_RST5
Reset threshold
increasing
ΔVDD5/Δt > 0
4.5
-
VDD5–
0.07
V
VHY_RST5
Reset threshold
hysteresis
-50
-
-
mV
tACT_RST5
Reset activation out
of tolerance duration
-15
-
25
μs
tDEL_RST5
Reset delay
4.7 kΩ < Rext < 47 kΩ
1
-
10
ms
tERR_RST5
Reset delay accuracy Rext ±1%
-15
-
+15
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com