Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9758 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L9758
Description  Automotive multiple supply for engine control
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9758 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L9758 Datasheet HTML 18Page - STMicroelectronics L9758 Datasheet HTML 19Page - STMicroelectronics L9758 Datasheet HTML 20Page - STMicroelectronics L9758 Datasheet HTML 21Page - STMicroelectronics L9758 Datasheet HTML 22Page - STMicroelectronics L9758 Datasheet HTML 23Page - STMicroelectronics L9758 Datasheet HTML 24Page - STMicroelectronics L9758 Datasheet HTML 25Page - STMicroelectronics L9758 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Functional description
L9758
22/30
DocID14273 Rev 5
The VDDL voltage is selectable with the VPROG3 pin: 2.5 V if connected to GND and 3.3 V
if left open (an internal pull-up is present). VCORE voltage is programmable connecting an
external resistor divider at the feedback pin (VCORE_FDBK).
Once programmed to a value at power-up, this value cannot change during the power cycle.
Purposely the system runs at a single fixed value for VDDL and VCORE for the life of the
product.
All the linear regulators start with a controlled slew rate when the pre-regulated voltage
reaches VDDL_ENUP threshold as indicated in the electrical characteristics table. All the
linear regulators are short circuit protected with a limited current.
5.4
Tracking regulators
Four low drop-out tracking regulators (VSA, VSB, VSC and VSD) are supplied by the output
of the switching pre-regulator. They track the output voltage of the VDD5 linear regulator
with the accuracy as specified in the electrical characteristic table.
The VSA regulator also tracks an external voltage reference (TRACK_REF pin) and the
tracking voltage is selected by the REF_SEL pin.
If REF_SEL is tied High (5 V) then VTRK_REF is tracked. If REF_SEL is left open then VDD5
is tracked. There is an internal pull-down on REF_SEL.
The tracking supplies are intended to drive loads that are external to the ECU so they are
short circuit protected with the current limited. The outputs of the tracking regulators also
withstand short circuit to the battery.
A short circuit to GND, continuous or intermittent on one tracking supply will not affect any
other supply, including the preregulator output voltage VB. In addition to these requirements,
all sensor supplies shall be capable of operating with up to a 15 μF load on the supply line.
This load may be present during initial startup, or be applied after the supply has been
powered up. In either case, the application of this load shall not cause the tracking
regulators to be permanently disabled.
VSB, VSC and VSD regulators can be disabled with VS_EN pin.
5.5
VKAM and VSTBY linear regulators
These two outputs are fully integrated low quiescent current low drop out regulators. The
input VBAT is used as the source of these supplies. These outputs are operational during
both standby and run mode; these are the only outputs operational during standby (VBAT not
present).
The VKAM regulator has two programmable levels: 1.0 V (VPROG1 pin connected to GND)
or 1.5 V (if this pin is left open, an internal pull-up is present).
The VSTBY regulator has two programmable levels: 2.6 V (VPROG2 pin connected to GND)
or 3.3 V (if this pin is left open, an internal pull-up is present).
The STBY_OK pin indicates when the VSTBY is out of range (voltage below the threshold
indicated in the electrical characteristic table). Once driven low it should stay low for a
minimal amount of time allowing external circuitry to latch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com