Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908TR Datasheet(PDF) 65 Page - STMicroelectronics

Part # L9908TR
Description  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908TR Datasheet(HTML) 65 Page - STMicroelectronics

Back Button L9908TR Datasheet HTML 61Page - STMicroelectronics L9908TR Datasheet HTML 62Page - STMicroelectronics L9908TR Datasheet HTML 63Page - STMicroelectronics L9908TR Datasheet HTML 64Page - STMicroelectronics L9908TR Datasheet HTML 65Page - STMicroelectronics L9908TR Datasheet HTML 66Page - STMicroelectronics L9908TR Datasheet HTML 67Page - STMicroelectronics L9908TR Datasheet HTML 68Page - STMicroelectronics L9908TR Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 152 page
background image
Where Qgd is the Ext. FET gate-drain charge and Idrv_source/sink_peak are the predrivers Pull-up/Pull-down
current. Driver peak current should not be confused with drivers Average Current which is the average current the
driver is delivering over full FET switching period i.e.
IDRV_AVERAGE=Qgfsw
(8)
Where Qg is the Ext. FET total gate charge and fsw is the predriver switching frequency.
Output peak current limitation
Since pre-drivers output current is not programmable the peak level can be reduced by means of an external
series resistances in order to achieve the following goals:
•
dump ringing due to parasitic inductances/capacitances;
•
dump ringing due to high voltage/current switching dv/dt, di/dt, and Ext. FET’s body-diode reverse recovery
charge;
•
optimize the switching losses;
•
reduce electromagnetic interference (EMI).
Figure 38. Pre-driver peak output current limitation circuit
The maximum PU/PD peak output currents can be estimated as follows:
IOUT_PU_PK=MINDRV_pu_iout, VHIGH
Rlim_on+RPU+Rg
(9)
IOUT_PD_PK=MINDRV_pu_iout, VHIGH−Vdfw
Rlim_on∥Rlim_off+RPD+Rg
(10)
Where: Vhigh is the driver`s output stage supply, Vdfw is the external diode forward voltage, Rg is the Ext. FET
series gate resistance, and Rlim_on/off are the external limitation resistances.
Example: if Rg = 1.6 Ω, Vdfw = 0.75 V, VHIGH = 10 V to have maximum peak current below 0.8 A the external
resistance shall be:
IOUT_PU_PK= 10V
Rlim_on+1.15Ω+1.6Ω=0.8A Rlim_on+2.75Ω ≈12.5Ω
Rlim_on≈9.75Ω
(11)
IOUT_PD_PK= 10V−0.75V
Rlim_on Rlim_off+1.15Ω+1.6Ω=0.8A Rlim_on Rlim_off
+2.75Ω ≈11.56Ω 9.75Ω Rlim_off≈ 8.81Ω Rlim_on≈4.63Ω
(12)
L9908
Functional description
DS13546 - Rev 5
page 65/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com