Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908TR Datasheet(PDF) 72 Page - STMicroelectronics

Part # L9908TR
Description  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908TR Datasheet(HTML) 72 Page - STMicroelectronics

Back Button L9908TR Datasheet HTML 68Page - STMicroelectronics L9908TR Datasheet HTML 69Page - STMicroelectronics L9908TR Datasheet HTML 70Page - STMicroelectronics L9908TR Datasheet HTML 71Page - STMicroelectronics L9908TR Datasheet HTML 72Page - STMicroelectronics L9908TR Datasheet HTML 73Page - STMicroelectronics L9908TR Datasheet HTML 74Page - STMicroelectronics L9908TR Datasheet HTML 75Page - STMicroelectronics L9908TR Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 152 page
background image
5.13.1
A/D conversion
The A/D conversion part is composed by a floating differential amplifier (CSA) that feeds an 11bits ADC.
Figure 46. A/D Conversion simplified block diagram
The differential transconductance amplifier measures the voltage across the external shunt cancelling errors due
to voltage drop across the stray resistances and the offsets between the external and internal ground.
The cascaded ADC compares the differential current output from CSA with the output of an 11bit (1bit sign+10bit
module) differential current steering DAC thus converting the current information in an 11 binary-coded word
clocked at 20 MHz.
The DAC LSB can be configured separately for each current monitor channel by means of dedicated SPI bits in
order to adjust the current monitor input range to the ADC input range as follows:
Table 69. Current Monitor input range configuration bit
Input
Range
CSMn_IN_RANGE_CFG2 CSMn_IN_RANGE_CFG1 CSMn_IN_RANGE_CFG0
Description
0
0
0
0
VIN_MAX = ± 7 mV
1
0
0
1
VIN _MAX = ±18 mV
2
0
1
0
VIN _MAX = ±36 mV
3
0
1
1
VIN_MAX = ±90 mV
4
1
0
0
VIN_MAX = ±160 mV
5
1
0
1
VIN_MAX = ±300 mV
(Default)
-
1
1
0
Reserved
-
1
1
1
Reserved
VIN_MAX is the input range for which all parameters are guaranteed. Input Full Scale range is actually larger (to
allow some headroom for calibration purposes), and can be calculated multiplying CM input ADC LSB (indicated
in Table 70) values by 211-1.
To increase the signal to noise ratio, a successive digital process section filters the raw conversion by means of a
SINC Decimation filter with a decimation factor of 16. The output digital information is then available in a 15bit
length word.
L9908
Functional description
DS13546 - Rev 5
page 72/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com