Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908TR Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9908TR
Description  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908TR Datasheet(HTML) 2 Page - STMicroelectronics

  L9908TR Datasheet HTML 1Page - STMicroelectronics L9908TR Datasheet HTML 2Page - STMicroelectronics L9908TR Datasheet HTML 3Page - STMicroelectronics L9908TR Datasheet HTML 4Page - STMicroelectronics L9908TR Datasheet HTML 5Page - STMicroelectronics L9908TR Datasheet HTML 6Page - STMicroelectronics L9908TR Datasheet HTML 7Page - STMicroelectronics L9908TR Datasheet HTML 8Page - STMicroelectronics L9908TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 152 page
background image
Application
•
EPS – Electronic Power Steering
•
HVAC Blowers – Heating, ventilation, and air conditioning
•
Engine Cooling Fans
•
Electronic Brake Booster
•
EWP, EFP, EOP
Description
L9908 is a gate driver unit (GDU) for controlling 6 N-channel FETs for brushless motors in automotive
applications.
Each one of the 3 half bridge drivers channels (HS/LS couples) can be independently configured allowing
different load driving and is able to withstand -14 V to 95 V excursion on motor`s pins.
Through 6 dedicated parallel inputs the pre-driver stages can be controlled independently supporting duty cycle
operations from 0% to 100% and allowing to implement all kinds of electric motor control strategy. A dedicated
combination of regulators, charge pumps and bootstrap circuits allows L9908 to be suitable to operate in
passenger, commercial or hybrid vehicles.
Safe operation of half bridges is ensured by shoot-through diagnosis, dead-time, short to battery, short to ground
and open load detection plus a real time phase voltage monitoring.
L9908 is equipped with 3 independent high accuracy current monitor channels with SPI-configurable input
differential voltage ranges for ground referenced current measurements, with 5 V/3.3 V output dynamic range
compatibility.
L9908 implements diagnostics on external and internal supply, ground level, internal temperature.
A 32-bit out of frame SPI-slave interface is implemented for communication up to 10 MHz between L9908 and uC.
SPI communication is safe-guarded by 5-bit CRC, 1bit frame counter, frame length check and an SPI-configurable
Window Watchdog.
L9908
DS13546 - Rev 5
page 2/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com